Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  7260X3 Series 10/25/40/50/100G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7002-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
Increased adoption of high performance servers coupled with applications using
higher bandwidth is accelerating the need for dense 100 Gigabit Ethernet switching
in both leaf and spine tiers of modern networks. The Arista 7260X3 Series are
purpose built high performance, high density, xed con guration, data center
switches with wire speed layer 2 and layer 3 features, combined with advanced
features for software de ned cloud networking and emerging requirements.
With 64 QSFP100 ports the 7260CX3-64 is a dense 40/100GbE system that can
support a exible combination of up to 64x 40/100GbE, 128x 50GbE or 10/25GbE of
wire speed performance in a 2RU system. The Arista 7260CX3-64 combines low
latency, and a shared packet bu er pool of 42MB that is allocated dynamically to
ports that are congested.
Combining 100GbE density and industry leading power e ciency with typical
power consumption under 10W per 100GbE port the 7260CX3-64 is ideal for both
middle or end of row leaf or collapsed spine tiers with air ow choices for back to
front, or front to back.
With support for a exible combination of speeds including 10G, 25G, 40G, 50G and
100G and combined with Arista EOS, the 7260CX3-64 delivers rich features for big
data, cloud, virtualized and traditional designs and accommodates the myriad
di erent applications and east-west tra c patterns found in modern data centers.
7260X3 Series 10/25/40/50/100G Data Center Switches
Data Sheet
Product Highlights
Performance
• 7260CX3-64: 64x QSFP100
• 7260CX3-64E: 64x QSFP100
• Flexible 10G to 100G support on all ports
• Up to 128 x 10G, 25G or 50G using
breakout cables
• Up to12.8 terabits per second
• Up to 4.2 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 450ns
Data Center Optimized Design
• 64 QSFP100 ports in 2RU
• Under 6W per port typical
• Over 93% e cient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Front-to-rear or rear-to-front cooling
• Tool less rails for simple installation
Cloud Networking Ready
• VXLAN and VM Tracer
• OpenFlow, DirectFlow and eAPI
• 264K MAC entries
• 180K IPv4 Routes
• 200K IPv4 Host Routes
• 42MB integrated smart bu er
• Dynamic Bu er Allocation up to 10.5MB
per slice
Resilient Control Plane
• High Performance x86 CPU
• 8GB DRAM
• User applications can run in a VM
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for visibility
• sFlow
• Self-con gure and recover from USB
• Tra c aware ECMP and UCMP
• PFC and ETS for congestion management
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++
Arista EOS
The Arista 7260X3 series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7260CX3-64: 64 x 40/100GbE QSFP100 ports, 2 SFP+ ports


Similar Part No. - FAN-7002-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7002-R ARISTA-FAN-7002-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
FAN-7002-R ARISTA-FAN-7002-R Datasheet
1Mb / 11P
7170 Series Programmable Data Center Switches
June 28th, 2024
FAN-7002-R ARISTA-FAN-7002-R Datasheet
6Mb / 66P
Quick Start Guide 7300 Series Modular Data Center Switches
FAN-7002-R ARISTA-FAN-7002-R Datasheet
2Mb / 12P
7300 Series Data Center Switch
December 10, 2020
More results

Similar Description - FAN-7002-R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3133 KR-3133 Datasheet
52Kb / 3P
25 MHz Center Frequency
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com