Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  7260X3 Series 10/25/40/50/100G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  FAN-7002-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7260X3 Series | Model Overview
The 7260CX3-64E retains all features of the 7260CX3-64 and additionally provides an enhanced power and cooling capability, support
ing the use of 4.5W power rated optics on all ports, when used with AC or DC 1900W power supplies and high speed fans.
Consistent features to both the Arista 7060CX and 7260CX Series combined with lower power and high 100GbE density means the
7260CX3 is optimized for 100GbE top of rack and spine tiers, high density storage and next generation nancial trading systems
requiring predictable performance with low latency.
Dynamic Bu er Allocation
The Arista 7260CX3 switches o er consistent latency from 450ns in cut-through mode, and a shared 42 MB integrated packet bu er
that is twice the capacity of the 7060X Series. Upon congestion from micro-bursts or fan-in packets are bu ered in an intelligent shared
packet memory that has a total size of 42MB arranged as 10.5MB per port group to accommodate bursts and lossless tra c
requirements. Unlike other architectures that have xed per-port packet memory, or smaller shared memory pools the 7260CX3 Series
use a Dynamic Bu er Allocation (DBA) scheme to allocate memory intelligently based on a combination of tra c class, queue depth
and quality of service policy ensuring fair allocation to all ports. Bu er utilization, occupancy and thresholds are all visible with Arista
LANZ and can be exported to monitoring tools for detailed analysis.
Model Overview
The 7260CX3-64 is a 2RU system with 64 100G QSFP ports
o ering wire speed performance with an overall throughput of up
to 12.8 Tbps. Each QSFP port is capable of a choice of 100GbE,
40GbE, 4x10GbE, 4x25GbE or 2x50GbE with hitless con guration
change between modes. The 64 QSFP ports can be broken out to
a system maximum of 128 ports allowing for easy transitions and
maximum exibility enabling deployment as both a leaf and spine.
The two SFP+ ports provide additional connections for low speed
management networks or out of band monitoring.
AI Analyzer *
Traditional software-based tra c counters do not lend themselves to examine AI/ML tra c patterns, which exhibit unique ramp up
behavior in very short intervals of time. The AI Analyzer is a hardware capability that enables the collection of ECMP member utilization
data, aggregated over extremely short periods of time. This allows the Arista 7260X3 series to e ectively analyze the tra c patterns,
with a time interval as granular as 100 microseconds. The results of such an analysis can then be applied to ne tune dynamic load
balancing workloads uniformly across the ECMP member links, which is a key requirement for AI/ML applications.
Smart System Upgrade
Smart System Upgrade is a network application designed to address one of the most complicated and challenging tasks facing data
center administrators - network infrastructure maintenance. Changes to the underlying network infrastructure can a ect large numbers
of devices and cause signi cant outages. SSU provides a fully customizable suite of features that tightly couples data center
infrastructure to technology partners allowing for intelligent insertion and removal, programmable updates to software releases and
open integration with application and infrastructure elements.
High Availability
The Arista 7260X3 series switches are designed for high availability
from both a software and hardware perspective. Key high availability
features include:
• 1+1 hot-swappable power supplies and four N+1 hot-swap fans
• Color coded PSU’s and fans
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU) and Accelerated Software Update (ASU)
Arista 7260X3 2RU Rear View: Front to Rear air ow (red)
Arista 7260X3 2RU Rear View: Rear to Front air ow (blue)
Arista 7260CX3-64:
64x 100GbE QSFP100 ports, 2 SFP+ ports
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com