Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3405CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS3405CS
Description  Single Synchronous Buck PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3405CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS3405CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Descriptions
No.
Pin.
Descriptions
1
Boot
This pin provides ground referenced bias voltage to the upper MOSFET driver. A
bootstrap circuit is used to create a voltage suitable to drive a logic-lever N-channel
MOSFET. It can take 20V as the maximum voltage. It can be powered by a DC power
supply or powered by a boost strap circuit.
2
Ugate
This pin provides the PWM controlled gate driver for the upper MOSFET. It is also
monitored by the adaptive shoot-through protection circuitry to determine when the
upper MOSFET can be turned on. The sourcing Rds(on) is 15Ω and the sink Rds(on) is
7Ω. Ugate can handle high voltage up to maximum 20V.
3
Gnd
This pin represents the signal and power ground for the IC. Tie this pin to the ground
island/plane through the lowest impedance connection available.
4
Lgate
This pin provides the PWM controlled gate drive for the lower MOSFET. This pin is also
monitored by the adaptive shoot-through protection circuitry to determine when the
lower MOSFET can be turned on.
5
Vcc
This pin provides the bias supply for the TS3405, as well as the lower MOSFET’s gate.
Connect a well-decoupled 5V supply to this pin.
6
FB
This pin is the inverting input of the internal error amplifier. Use this pin in combination
with the COMP Pin to compensate the voltage-control feedback loop of the converter.
7
COMP
During soft start and all the time during normal converter operation, this pin represents
the output of the error amplifier. Use this pin in combination with the FB pin to
compensate the voltage control feedback loop of the converter. Pulling COMP to a level
below 0.3V enables soft start process. The whole soft start process takes about 5mS.
8
Phase
This pin is used to monitor the voltage drop across the lower MOSFET for over current
protection. The OCP threshold is –30mV. If Phases is less thean –300mV, the upper
MOSFET cannot be turned-on in the next cycle.
Block Diagram
TS3405
2-10
2003/12 rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com