Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3405CS Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS3405CS
Description  Single Synchronous Buck PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3405CS Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS3405CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Guidelines
Component Selection
Input Capacitor
Use a mix of input bypass capacitors to control the
voltage overshoot across the MOSFETs. Use small
ceramic capacitors for high frequency decoupling and
bulk capacitors to supply the current needed each time
Q1 turn on. Place the small ceramic capacitors physically
close to the MOSFETs and between the drain of high
side MOSFET (Q1) and the source of low side MOSFET
(Q2).
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For
reliable operation, select the bulk capacitor with voltage
and current rating above the maximum input voltage and
largest RMS current required by the circuit. The capacitor
voltage rating should be at least 1.25 times greater than
the maximum input voltage and a voltage rating of 1.5
times is a conservative guideline. The RMS current rating
requirement for the input capacitor of a buck regulator is
approximately 1/2 the DC load current.
For a through hole design, several electrolytic capacitors
may be needed. For surface mount designs, solid
tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current
rating. These capacitors must be capable of handling the
surge-current at power-up. Some capacitor series
available from reputable manufacturers are surge current
tested.
MOSFET
The TS3405 requires 2 N-channel power MOSFETs.
These should be selected based upon Rds(on), gate
supply
requirements,
and
thermal
management
requirements. In high-current applications, the MOSFET
power dissipation, package selection and heatsink are
the dominant design factors. The power dissipation
includes two loss components; conduction loss and
switching loss. The conduction losses are the largest
component of power dissipation for both the upper and
the lower MOSFETs. These losses are distributed
between the two MOSFETs according to duty factor. The
switching losses seen when sourcing current will be
different from the switching losses seen when sinking
current. When sourcing current, the upper MOSFET
realizes most of the switching losses. The lower switch
realizes most of the switching losses when the converter
is sinking current (see the equations below).
These
equations
assume
linear
voltage
current
transitions and do not adequately model power loss due
the reverse-recovery of the upper and lower MOSFET’s
body diode. The gate-charge losses are dissipated by the
TS3405 and do not heat the MOSFETs. However, large
gate-charge increases the switching interval, tSW which
increases the MOSFET switching losses. Ensure that
both MOSFETs are within their maximum junction
temperature at high ambient temperature by calculating
tempature rise according to package thermal-resistance
specifications. a separate heatsink may be necessary
depending upon MOSFET power, package type, ambient
temperature and air flow.
Losses while sourcing current:
PUPPER= Io
2 x Rds(on) x D + ½ Io x Vin x t
SW x FS
PLOWER= Io
2 x Rds(on) x (1– D)
Losses while sinking current:
PUPPER= Io
2 x Rds(on) x D
PLOWER= Io
2 x Rds(on) x (1–D) + ½ Io x Vin x t
SW x FS
Where: D is the duty cycle = Vout / Vin
tSW is the combined switch ON and OFF time
FS is the switching frequency
Given the reduced available gate bias voltage (5V),
logic-level or sub-logic-level transistors should be used
for both N-MOSFETs. Caution should be exercised with
devices exhibiting very low Vgs(on) characteristics. The
shoot through protection present aboard the TS3405 may
be circumvented by there MOSFETs if they have large
parasitic impedances and /or capacitances that would
inhibit the gate of the MOSFET from being discharged
below it’s threshold level before the complementary
MOSFET is turned on.
FIGURE 5、Upper Gate drive bootstrap.
Fig. 5 shows the upper gate drive (Boot pin) supplied by
a bootstrap circuit from Vcc. The boot capacitor. CBOOT,
develops a floating supply voltage referenced to the
Phase pin. The supply is refreshed to a voltage of Vcc
less the boot diode drop (VDP) each time the lower
MOSFET turns on.
TS3405
Q1
Q2
Dboot
CHF
Cboot
+
_
Boot
Vgate
Phase
Lgate
Gng
Vcc
VD
+
_
+5V
-5V
TS3405
7-10
2003/12 rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com