Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3405CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS3405CS
Description  Single Synchronous Buck PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3405CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3405CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS3404
Single Synchronous Buck PWM Controller
Oscillator Frequency up to 300KHz
0.8V Internal Reference
Drives N-Channel MOSFETs
General Description
The TS3405 makes simple work out of implementing a complete control and protection scheme for a DC-DC step-down
converter. Designed to drive N-channel MOSFETs in a synchronous buck topology, the TS3405 integrates the control,
output a adjustment, monitoring and protection functions.
The TS3405 provides simple, single feedback loop, voltage mode control with fast transient response. The output voltage
can be precisely regulated to as low as 0.8V, with a maximum tolerance of ±1.5% over temperature and line voltage
variations. A fixed frequency oscillator reduces design complexity, while balancing typical application cost and efficiency.
The error amplifier features a 15MHz gain-bandwidth product and 8V/uS slew rate, which enables high converter
bandwidth for fast transient performance. The resulting PWM duty cycles range from 0% to 100%. The protection from
over current conditions is provided by monitoring the Rds(on) of the lower MOSFET to inhibit PWM operation
appropriately. This approach simplifies the implementation and improves efficiency by eliminating the need for a current
sense resistor.
Applications
Power supplies for microprocessors
Subsystem power supplies
Cable modems, set-top box, DSL modems
DSP and core communications processor supplies
Memory supplies
Personal computer peripherals
Industrial power supplies
Low-voltage distributed power supplies
Features
Buck converter Vin operate from 3.3V ~ 14V
Vcc operate from 3.75V ~ 6V
Buck converter Vin can be greater than Vcc
0.8V to Vin output voltage
±1.5% over line voltage and temperature
Simple single –loop control design
Voltage-mode PWM control
Loss less, programmable over current protection
uses lower MOSFET’s Rds(on)
Internal soft start
Converter can source and sink current
Fixed oscillator frequency 300KHz
Ordering Information
Part No.
Operating Temp.
Package
TS3405CS
-40 ~ +85
oC
SOP-8
Absolute Maximum Rating
Supply Voltage
VCC
6
V
Operating Supply Voltage
VCC
4.5 ~ 5.5
V
Absolute Boot Voltage
VBOOT
20
V
Upper Driver Supply Voltage
VBOOT VPHASE
20
V
Input, Output or I/O Voltage
Gnd-0.3V to Vcc+0.3V
V
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Ambient Temperature Range
TJ
-40 ~ +85
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
oC
Pin assignment
1. Boot
8. Phase
2. Ugate
7. COMP
3. Gnd
6. FB
4. Lgate
5. Vcc
TS3405
1-10
2003/12 rev. A


Similar Part No. - TS3405CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3405CS TSC-TS3405CS Datasheet
409Kb / 10P
Single Synchronous Buck PWM Controller
More results

Similar Description - TS3405CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
Single Synchronous Buck PWM Controller
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
Single Synchronous Buck PWM Controller
October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com