Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IP2002PBF
Description  Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002PBF Datasheet(HTML) 5 Page - International Rectifier

  IP2002PBF Datasheet HTML 1Page - International Rectifier IP2002PBF Datasheet HTML 2Page - International Rectifier IP2002PBF Datasheet HTML 3Page - International Rectifier IP2002PBF Datasheet HTML 4Page - International Rectifier IP2002PBF Datasheet HTML 5Page - International Rectifier IP2002PBF Datasheet HTML 6Page - International Rectifier IP2002PBF Datasheet HTML 7Page - International Rectifier IP2002PBF Datasheet HTML 8Page - International Rectifier IP2002PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
iP2002PbF
Fig. 7: I
DD vs. Frequency
Fig. 5: Normalized Power Loss vs. Frequency
Fig. 3: Normalized Power Loss vs. V
IN
Fig. 4: Normalized Power Loss vs. V
OUT
Typical Performance Curves
Fig. 6: Normalized Power Loss vs. Inductance
0.97
1.00
1.03
1.06
1.09
1.12
1.15
1.18
1.21
1.24
1.27
1.30
3456
789
10
11
12
13
Input Voltage (V)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VOUT = 1.3V
IOUT = 30A
fSW = 1MHz
L = 0.30uH
TBLK = 125°C
0.90
0.93
0.97
1.00
1.03
1.07
1.10
1.13
1.17
1.20
1.23
1.27
1.30
1.33
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
Output Voltage (V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VIN = 12V
IOUT = 30A
fSW = 1MHz
L = 0.30uH
TBLK = 125°C
0.73
0.75
0.78
0.81
0.84
0.86
0.89
0.92
0.95
0.97
1.00
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Switching Frequency (kHz)
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
VIN = 12V
VOUT = 1.3V
IOUT = 30A
L = 0.30uH
TBLK = 125°C
0.97
0.99
1.00
1.01
1.03
1.04
1.05
1.07
1.08
1.09
0.10.2
0.30.4
0.50.6
0.70.8
0.91.0
Output Inductance (uH)
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VIN = 12V
VOUT = 1.3V
IOUT = 30A
fSW = 1MHz
TBLK = 125°C
10
20
30
40
50
60
70
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Switching Frequency (kHz)
Does not include
PRDY current
TBLK = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com