Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IP2002PBF
Description  Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IP2002PBF Datasheet HTML 2Page - International Rectifier IP2002PBF Datasheet HTML 3Page - International Rectifier IP2002PBF Datasheet HTML 4Page - International Rectifier IP2002PBF Datasheet HTML 5Page - International Rectifier IP2002PBF Datasheet HTML 6Page - International Rectifier IP2002PBF Datasheet HTML 7Page - International Rectifier IP2002PBF Datasheet HTML 8Page - International Rectifier IP2002PBF Datasheet HTML 9Page - International Rectifier IP2002PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.irf.com
6
iP2002PbF
Adjusting the Power Loss and SOA curves for different operating conditions
To make adjustments to the power loss curves in Fig. 1, multiply the normalized value obtained from the curves in Figs. 3,
4, 5 or 6 by the value indicated on the power loss curve in Fig. 1. If multiple adjustments are required, multiply all of the
normalized values together, then multiply that product by the value indicated on the power loss curve in Fig. 1. The resulting
product is the final power loss based on all factors. See example no. 1.
To make adjustments to the SOA curve in Fig. 2, determine your maximum PCB Temp & Case Temp at the maximum operating
current of each iP2002PbF. Then, add the correction temperature from the normalized curves in Figs. 3, 4, 5 or 6 to the TX axis
intercept (see procedure no. 2 above) in Fig. 2. When multiple adjustments are required, add all of the temperatures
together, then add the sum to the TX axis intercept in Fig. 2. See example no. 2.
Operating Conditions for the following examples:
Output Current = 30A
Input Voltage = 10V
Output Voltage = 3.3V
Sw Freq= 900kHz
Inductor = 0.2uH
Example 1) Adjusting for Maximum Power Loss:
(Fig. 1)
Maximum power loss
= 11W
(Fig. 3)
Normalized power loss for input voltage ≈ 0.98
(Fig. 4)
Normalized power loss for output voltage ≈ 1.28
(Fig. 5)
Normalized power loss for frequency ≈ 0.955
(Fig. 6)
Normalized power loss for inductor value ≈ 1.02
Adjusted Power Loss = 11W x 0.98 x 1.28 x 0.955 x 1.02 ≈ 13.44W
Applying the Safe Operating Area (SOA) Curve
The SOA graph incorporates power loss and thermal resistance information in a way that allows one to solve for maximum
current capability in a simplified graphical manner. It incorporates the ability to solve thermal problems where heat is drawn
out through the printed circuit board and the top of the case.
Procedure
1) Draw a line from Case Temp axis at T
CASE to the PCB
Temp axis at T
PCB.
2) Draw a vertical line from the T
X axis intercept to the SOA
curve.
3) Draw a horizontal line from the intersection of the vertical
line with the SOA curve to the Y axis. The point at which
the horizontal line meets the y-axis is the SOA current.
0
1020304050607080
90
100
110
120
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
0
1020304050607080
90
100
110
120
PCB Temperature (ºC)
Safe
Operating
Area
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
L = 0.30uH
Case Temperature (
ž8Ã
TX
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com