Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IP2002PBF
Description  Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IP2002PBF Datasheet HTML 4Page - International Rectifier IP2002PBF Datasheet HTML 5Page - International Rectifier IP2002PBF Datasheet HTML 6Page - International Rectifier IP2002PBF Datasheet HTML 7Page - International Rectifier IP2002PBF Datasheet HTML 8Page - International Rectifier IP2002PBF Datasheet HTML 9Page - International Rectifier IP2002PBF Datasheet HTML 10Page - International Rectifier IP2002PBF Datasheet HTML 11Page - International Rectifier IP2002PBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
iP2002PbF
Refer to the following application notes for detailed guidelines and suggestions when
implementing iPOWIR Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s
iPOWIR Technology BGA Packages
This paper discusses the assembly considerations that need to be taken when mounting iPOWIR BGA’s
on printed circuit boards. This includes soldering, pick and place, reflow, inspection, cleaning and
reworking recommendations.
AN-1029: Optimizing a PCB Layout for an iPOWIR Technology Design
This paper describes how to optimize the PCB layout design for both thermal and electrical performance.
This includes placement, routing, and via interconnect suggestions.
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the
operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
AN-1047: Graphical solution for two branch heatsinking Safe Operating Area
Detailed explanation of the dual axis SOA graph and how it is derived.
4-Phase Reference Design Bill of Materials
Quantity
Designator
Value 1
Value 2
Type 2
Tolerance
Package
Mfr.
Mfr. Part No.
1
C1
6800pF
50V
X7R
10%
0805
PHICOMP
08052R682K9BB0
17
C10 C11 C12 C13 C14 C3
C30 C31 C32 C33 C4 C46
C5 C6 C7 C8 C9
10.0uF
16V
X5R
10%
1206
Murata
GRM31CR61C106KC31B
8
C15 C16 C17 C18 C19 C20
C21 C22
100uF
6.3V
X5R
20%
1210
TDK
C3225X5R0J107M
2
C2 C29
10.0uF
6.3V
X5R
10%
1206
TDK
C3216X5R0J106K
1
C25
8.20pF
50V
NPO
3%
0805
PHICOMP
0805CG829C9BB0
1
C26
1800pF
50V
X7R
10%
0805
PHICOMP
08052R182K9BB0
1
C27
1.00uF
16V
X7R
10%
0805
MuRata
GRM40X7R105K016
1
C28
0.010uF
50V
X7R
10%
0805
TDK
C2012X7R1H103KT
1
C34
0.100uF
50V
X7R
10%
0805
ROHM
MCH215C104KP
4
C35 C36 C37 C38
0.22uF
6.3V
X5R
10%
0603
TDK
C1608X5R0J224K
3
C39 C40 C41
330uF
16V
WA series
20%
SMD
Panasonic
EEF-WA1C331P
5
C42 C43 C44 C45 C47
Open
-
-
-
-
-
-
3
R1 R2 R31
3.92K
1/8W
thin film
0.10%
0805
BC Component
2312-241-73922
5
R10 R11 R12 R13 R35
0
1/8W
thick film
<50m
0805
ROHM
MCR10EZHJ000
9
R16 R17 R18 R19 R21 R23
R25 R27 R34
10.0K
1/8W
thick film
1%
0805
KOA
RK73H2A1002F
2
R3 R32
4.42K
1/8W
thin film
0.10%
0805
BC Component
2312-241-74422
1
R33
30.1K
1/8W
thick film
1%
0805
KOA
RK73H2A3012F
1
R4
20.0K
1/8W
thick film
1%
0805
KOA
RK73H2A2002F
4
R5 R7 R8 R9
2.49K
1/8W
thick film
1%
0805
KOA
RK73H2A2491F
1
R6
200
1/8W
thick film
1%
0805
KOA
RK73H2A2000F
7
R22 R24 R26 R28 R29
R30 R36
Open
-
-
-
-
-
-
2
D1 D2
30V
200mA
schottky
-
sot23
Central
CMPD3003A
1
D5
40V
2.1A
schottky
-
D-64
IRF
10MQ040N
1
D6
30V
100mA
schottky
-
sot23
Central
CMPSH-3
4
L1 L2 L3 L4
0.3uH
36A
ferrite
20%
SMT
Panasonic
ETQP2H0R3BFA
1
L5
15uH
0.70A
ferrite
20%
SMT
Coilcraft
1008PS-153M
1
U1
4.5 - 5.5V 0.8 - 5V PWM controller
0 - 70°C
16 Ld SOIC
Intersil
ISL6558CB
4
U2 U3 U4 U5
30A
-
Power Block
-
11mm x 11mm International Rect
iP2002
1
U6
4.7 - 25V 1.8 - 5V PWM controller -40 to +85°C
S6
Linear Technology
LT1616
iP2002PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com