Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39302 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS39302
Description  3A Ultra Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39302 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39302 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS39301/2/3/4
3-7
2005/12 rev. A
Electrical Characteristics
Flag Output (TS39301)
Output Leakage Current
VOH=16V
--
--
2
µA
Output Low Voltage (Note 9)
Vin=2.5V, IOL=250uA
--
--
400
mV
Upper Threshold Voltage
% of Vout
--
--
99
%
Lower Threshold Voltage
% of Vout
93
--
--
%
Hysteresis
--
1
--
%
Thermal Performance
Condition
Package type
Typ
Unit
TO-220-5L
2
Thermal Resistance
Junction to Case
TO-263-5L
2
oC/W
Note 1. Exceeding the absolute maximum ratings may be damaged the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. Pd(max) = (Tj(max) - Ta) + Өja, where Өja depends upon the printed circuit layout. See ”Applications
Information”.
Note 5. Output voltage temperature coefficient is ΔVout (worst case) + (Tj(max) – Tj(min)) where Tj(max) is +125
oC and
Tj(min) is -40
oC.
Note 6. Vdrop = Vin - Vout when Vout decreases to 99% of its nominal output voltage with Vin = Vout + 1. For output
voltages below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage
being 2.5V. Minimum input operating voltage is 2.5V
Note 7. Ignd is the quiescent current. Iin = Ignd + Iout
Note 8. Ven<0.8V, Vin<8V and Vout=0
Note 9. For 1.8V device, Vin = 2.25V (device is in dropout)
Block Diagram
TS3930x series
* Feedback network is fixed output versions only (TS39301 & TS39303 & TS39304)
** Adjustable output version only (TS39302)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com