Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39302 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS39302
Description  3A Ultra Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39302 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS39302 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS39301/2/3/4
4-7
2005/12 rev. A
Pin Assignment
Pin No.
TS39301
TS39302
TS39303
TS39304
Pin
Configuration
Pin Description
1
1
1
2
Enable
TTL/COMS compatible input. Logic high is
enable; logic low or open is shutdown
2
2
2
1
Input
Unregulated input: +16V maximum supply
3
3
3
3
Ground
Ground pin and TAB/heatsink are internally
connected.
4
4
4
5
Output
Regulator output
5
Flag
Open-collector output. Active low indicates
an output fault condition.
5
Adjust
Feedback input. Connect to resistive
voltage-divider network.
5
4
Sense
Sense pin is the input to the error amplifier
Typical Application Circuit
TS39301
TS39302
TS39303 / 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com