Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39302 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS39302
Description  3A Ultra Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39302 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS39302 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS39301/2/3/4
5-7
2005/12 rev. A
Application Information
Application Information
The TS39300/1/2/3/4 series are high performance with
low dropout voltage regulator suitable for moderate to
high current and voltage regulator application. Its
630mV dropout voltage at full load and over
temperature makes it especially valuable in battery
power systems and as high efficiency noise filters in
post regulator applications. Unlike normal NPN
transistor design, where the base to emitter voltage
drop and collector to emitter saturation voltage limit the
minimum dropout voltage, dropout performance of the
PNP output of these devices is limited only by low Vce
saturation voltage.
The TS39300/1/2/3/4 series is fully protected from
damage due to fault conditions. Linear current limiting is
provided. Output current during overload conditions is
constant. Thermal shutdown the device when the die
temperature exceeds the maximum safe operating
temperature. Transient protection allows device survival
even when the input voltage spikes above and below
nominal. The output structure of these regulators allows
voltages in excess of the desired output voltage to be
applied without reverse current flow.
Output Capacitor Requirement
The
TS39300/1/2/3/4
series
requires
an
output
capacitor to maintain stability and improve transient
response is necessary. The value of this capacitor is
dependent upon the output current, lower currents allow
smaller capacitors. TS39300/1/2/3/4 series output
capacitor selection is dependent upon the ESR of the
output capacitor to maintain stability. When the output
capacitor is 47uF or greater, the output capacitor
should have an ESR less than 1Ω. This will improve
transient response as well as promote stability. Ultra
low ESR capacitors, such as ceramic chip capacitors,
may promote instability. These very low ESR levels
may cause an oscillation and/or under damped
transient response. A low ESR solid tantalum capacitor
works extremely well and provides good transient
response and stability over temperature aluminum
electrolytes can also be used, as long as the ESR of
the capacitor is <1Ω.
The value of the output capacitor can be increased
without limit. Higher capacitance values help to
improve transient response and ripple rejection and
reduce output noise.
Input Capacitor Requirement
An input capacitor of 1uF or greater is recommended
when the device is more than 4” away from the bulk
AC supply capacitance or when the supply is a battery.
Small, surface mount, ceramic chip capacitors can be
used for bypassing. Larger values will help to improve
ripple rejection by bypassing the input to the regulator,
further improving the integrity of the output voltage.
Minimum Load Current
The TS39130/1/2/3/4 series is specified between finite
loads. If the output current is too small leakage
currents dominate and the output voltage rises. A
10mA minimum load current is necessary for proper
regulation.
Adjustable Regulator Design
The adjustable regulator versions (TS39302) is allow
to programming the output voltage anywhere between
1.25 and the 16V maximum operating rating of the
family.
Two resistors are used. Resistors can be quite large
up to 1MΩ, because of the very high input impedance
and low bias current of the sense comparator, the
resistor values are calculated by:
R1 = R2 * [(Vout / 1.24) – 1]
Where Vout is the desired output voltage. Above
application
circuit
shows
component
definition.
Applications with widely varying load currents may
scale the resistors to draw the minimum load current
required for proper operation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com