Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5519
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5519 Datasheet HTML 4Page - Analog Devices ADL5519 Datasheet HTML 5Page - Analog Devices ADL5519 Datasheet HTML 6Page - Analog Devices ADL5519 Datasheet HTML 7Page - Analog Devices ADL5519 Datasheet HTML 8Page - Analog Devices ADL5519 Datasheet HTML 9Page - Analog Devices ADL5519 Datasheet HTML 10Page - Analog Devices ADL5519 Datasheet HTML 11Page - Analog Devices ADL5519 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADL5519
Data Sheet
Rev. C | Page 8 of 39
Parameter
Conditions
Min
Typ
Max
Unit
SETPOINT INTERFACE
VSTA, VSTB
Nominal Input Range
Input level = 0 dBm, measurement mode
0.38
V
Input level = –50 dBm, measurement mode
1.6
V
Input Resistance
Controller mode, sourcing 50 μA
40
kΩ
DIFFERENCE LEVEL ADJUST
VLVL (Pin 6)
Input Voltage
OUTP, OUTN = FBKA, FBKB
VP − 1
V
Input Resistance
OUTP, OUTN = FBKA, FBKB
100
kΩ
TEMPERATURE COMPENSATION
ADJA, ADJB
Input Resistance
ADJA, ADJB = 0.9 V, sourcing 50 μA
13
kΩ
Disable Threshold Voltage
ADJA, ADJB = open
VP − 0.4
V
VOLTAGE REFERENCE
VREF (Pin 5)
Output Voltage
1.15
V
Temperature Sensitivity
−40°C < TA < +25°C; relative TA = 25°C
+26
μV/°C
25°C < TA < 85°C; relative TA = 25°C
−26
μV/°C
Current Limit Source/Sink
3/3
mA
TEMPERATURE REFERENCE
TEMP (Pin 19)
Output Voltage
1.36
V
Temperature Sensitivity
−40°C < TA < +125°C
4.5
mV/°C
Current Limit Source/Sink
4/50
mA/μA
POWER-DOWN INTERFACE
PWDN (Pin 28)
Logic Level to Enable
Logic low enables
0
V
Logic Level to Disable
Logic high disables
VP − 0.2
V
Input Current
Logic high PWDN = 5 V
2
μA
Logic low PWDN = 0 V
20
μA
Enable Time
PWDN low to OUTA, OUTB at 100% final value,
CLPA, CLPB = open, RF in = −10 dBm
0.4
μs
Disable Time
PWDN high to OUTA, OUTB at 10% final value,
CLPA, CLPB = open, RF in = 0 dBm
0.25
μs
POWER INTERFACE
VPSA, VPSB, VPSR
Supply Voltage
3.3
5.5
V
Quiescent Current
60
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
147
μA/°C
Disable Current
ADJA, ADJB = PWDN = VP
<1
mA
1 Slope and intercept are determined by calculating the best-fit line between the power levels of −40 dBm and −10 dBm at the specified input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com