Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5519
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5519 Datasheet HTML 13Page - Analog Devices ADL5519 Datasheet HTML 14Page - Analog Devices ADL5519 Datasheet HTML 15Page - Analog Devices ADL5519 Datasheet HTML 16Page - Analog Devices ADL5519 Datasheet HTML 17Page - Analog Devices ADL5519 Datasheet HTML 18Page - Analog Devices ADL5519 Datasheet HTML 19Page - Analog Devices ADL5519 Datasheet HTML 20Page - Analog Devices ADL5519 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
ADL5519
Rev. C | Page 17 of 39
1200
1000
800
600
400
200
0
1.12
1.14
1.16
1.18
VREF (V)
MEAN: 1.14986
Figure 39. Distribution of VREF Pin Voltage for 4000 Devices
1200
1000
800
600
400
200
0
1.32
1.30
1.34
1.36
1.40
1.38
1.42
TEMP (V)
MEAN: 1.36332
Figure 40. Distribution of TEMP Pin Voltage for 4000 Devices
1.170
1.165
1.160
1.155
1.150
1.145
1.140
1.135
1.130
1.125
1.120
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 41. Change in VREF Pin Voltage vs. Temperature for 45 Devices
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INHA = 0dBm
INHB = 0dBm
INHA = –20dBm
INHB = –20dBm
INHA = –40dBm
INHB = –40dBm
INHA = OFF
INHB = OFF
10µ
1µ
100n
10n
1n
Figure 42. Noise Spectral Density of OUTA, OUTB; CLPA, CLPB = Open
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
OUTN, INHA = 0dBm
OUTN, INHA = –20dBm
OUTP, INHA = 0dBm
OUTP, INHA = –20dBm
OUTN, INHA = –40dBm
OUTN, INHA = OFF
OUTP, INHA = –40dBm
OUTP, INHA = OFF
10µ
1µ
100n
10n
1n
Figure 43. Noise Spectral Density of OUTP, OUTN; CLPA, CLPB = 0.1 μF,
Frequency = 2140 MHz
10µ
1µ
100n
10n
1n
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INHA = 0dBm
INHB = 0dBm
INHA = –20dBm
INHB = –20dBm
INHA = –40dBm
INHB = –40dBm
INHA = OFF
INHB = OFF
Figure 44. Noise Spectral Density of OUTA, OUTB; CLPA, CLPB = 0.1 μF,
Frequency = 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com