Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5519
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519 Datasheet(HTML) 2 Page - Analog Devices

  ADL5519 Datasheet HTML 1Page - Analog Devices ADL5519 Datasheet HTML 2Page - Analog Devices ADL5519 Datasheet HTML 3Page - Analog Devices ADL5519 Datasheet HTML 4Page - Analog Devices ADL5519 Datasheet HTML 5Page - Analog Devices ADL5519 Datasheet HTML 6Page - Analog Devices ADL5519 Datasheet HTML 7Page - Analog Devices ADL5519 Datasheet HTML 8Page - Analog Devices ADL5519 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ADL5519
Data Sheet
Rev. C | Page 2 of 39
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Absolute Maximum Ratings ........................................................... 9
 
ESD Caution.................................................................................. 9
 
Pin Configuration and Function Descriptions .......................... 10
 
Typical Performance Characteristics........................................... 11
 
Theory of Operation ...................................................................... 19
 
Using the ADL5519........................................................................ 20
 
Basic Connections ...................................................................... 20
 
Input Signal Coupling ............................................................... 20
 
Temperature Sensor Interface .................................................. 22
 
VREF Interface ........................................................................... 22
 
Power-Down Interface .............................................................. 22
 
Setpoint Interface—VSTA, VSTB............................................ 22
 
Output Interface—OUTA, OUTB........................................... 22
 
Difference Output—OUTP, OUTN ........................................ 23
 
Description of Characterization............................................... 23
 
Basis for Error Calculations...................................................... 23
 
Device Calibration ..................................................................... 24
 
Adjusting Accuracy Through Choice of Calibration Points..... 24
 
Temperature Compensation Adjustment .............................. 25
 
Altering the Slope....................................................................... 26
 
Channel Isolation ....................................................................... 26
 
Output Filtering ......................................................................... 27
 
Package Considerations ............................................................ 27
 
Operation Above 8 GHz ........................................................... 27
 
Applications Information ............................................................. 28
 
Measurement Mode................................................................... 28
 
Controller Mode......................................................................... 28
 
Automatic Gain Control ........................................................... 30
 
Gain-Stable Transmitter/Receiver ........................................... 32
 
Measuring VSWR ...................................................................... 34
 
Evaluation Board ............................................................................ 36
 
Configuration Options .............................................................. 36
 
Evaluation Board Schematic and Artwork ............................. 37
 
Outline Dimensions....................................................................... 39
 
Ordering Guide .......................................................................... 39
 
REVISION HISTORY
8/2020—Rev. B to Rev. C
Changes to Figure 38 ..................................................................... 16
Changes to Figure 71 ..................................................................... 35
9/2017—Rev. A to Rev. B
Changes to Figure 2........................................................................ 10
Updated Outline Dimensions....................................................... 39
Changes to Ordering Guide.......................................................... 39
4/2009—Rev. 0 to Rev. A
Changes to Table 5 ......................................................................... 36
Changes to Figure 72 ..................................................................... 37
1/2008—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com