Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC5582
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582 Datasheet(HTML) 1 Page - Analog Devices

  LTC5582 Datasheet HTML 1Page - Analog Devices LTC5582 Datasheet HTML 2Page - Analog Devices LTC5582 Datasheet HTML 3Page - Analog Devices LTC5582 Datasheet HTML 4Page - Analog Devices LTC5582 Datasheet HTML 5Page - Analog Devices LTC5582 Datasheet HTML 6Page - Analog Devices LTC5582 Datasheet HTML 7Page - Analog Devices LTC5582 Datasheet HTML 8Page - Analog Devices LTC5582 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC5582
1
Rev. D
For more information www.analog.com
Document Feedback
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 TAO1b
5
–35
–55
–15
TC = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40MHz to 10GHz
RMS Power Detector with
57dB Dynamic Range
The LTC®5582 is a 40MHz to 10GHz RMS responding
power detector. It is capable of accurate power measure-
ment of an AC signal with wide dynamic range, from
–60dBm to 2dBm depending on frequency. The power
of the AC signal in an equivalent decibel-scaled value
is precisely converted into DC voltage on a linear scale,
independent of the crest factor of the input signal wave-
forms. The LTC5582 is suitable for precision RF power
measurement and level control for a wide variety of RF
standards, including LTE, WiMAX, W-CDMA, CDMA2000,
TD-SCDMA, and EDGE. The DC output is buffered with a
low output impedance amplifier capable of driving a high
capacitance load. Consult factory for more information.
The part is packaged in a 10-lead 3mm × 3mm DFN. It is
pin-to-pin compatible with the LT5570.
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 7262661, 7317357, 7622981.
40MHz to 6GHz RMS Power Detector
APPLICATIONS
n
Frequency Range: 40MHz to 10GHz
n
Linear Dynamic Range: Up to 57dB
n
Accurate RMS Power Measurement of High Crest
Factor Modulated Waveforms
n
Exceptional Accuracy Over Temperature: ±0.5dB (Typ)
n
Low Linearity Error within Dynamic Range
n
Single-Ended or Differential RF Inputs
n
Fast Response Time: 90ns Rise Time
n
Low Supply Current: 41.6mA at 3.3V (Typ)
n
Small 3mm × 3mm DFN10
n
AEC-Q100 Qualified for Automotive Applications
n
RMS Power Measurement
n
PA Power Control
n
Receive and Transmit Gain Control
n
LTE, WiMAX, W-CDMA, CDMA2K, TD-SCDMA,
EDGE Basestations
n
Point-to-Point Microwave Links
n
RF Instrumentation
VCC
IN+
IN–
VOUT
GND
FLTR
EN
ENABLE
OUT
RT2
DEC
RT1
100nF
1nF
1nF
3.3V
5582 TA01a
LTC5582
1µF
270pF
68
Linearity Error vs RF Input Power
2140MHz Modulated Waveforms


Similar Part No. - LTC5582

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5582 LINER-LTC5582 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5582IDD-PBF LINER-LTC5582IDD-PBF Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582IDD-TRPBF LINER-LTC5582IDD-TRPBF Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results

Similar Description - LTC5582

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Linear Technology
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com