Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC5582
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC5582 Datasheet HTML 6Page - Analog Devices LTC5582 Datasheet HTML 7Page - Analog Devices LTC5582 Datasheet HTML 8Page - Analog Devices LTC5582 Datasheet HTML 9Page - Analog Devices LTC5582 Datasheet HTML 10Page - Analog Devices LTC5582 Datasheet HTML 11Page - Analog Devices LTC5582 Datasheet HTML 12Page - Analog Devices LTC5582 Datasheet HTML 13Page - Analog Devices LTC5582 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC5582
10
Rev. D
For more information www.analog.com
TEST CIRCUITS
Figure 2. Top Side of Evaluation Board
REF DES
VALUE
SIZE
C1
1uF
0402
C2, C4, C9
1nF
0402
C3
100nF
0402
C5, C8, C10
Optional, do not install
0402
R1
1.5Ω
0603
R3
100KΩ
0402
R4
90.9Ω
0402
R5, R6
0
0402
Figure 1. Test Schematic Optimized for 40MHz to 5500MHz in Single-Ended Input Configuration
R3
100k
VCC
IN+
IN–
GND
FLTR
EN
EN
J1
RF INPUT
OUT
OUT
RT2
DEC
NC
RT1
C3
100nF
C5
DNI
3.3V
5582 F01
LTC5582
C2
1nF
C1
1µF
C8
DNI
C9
1nF
1
2
3
4
5
10
9
8
7
6
C4
1nF
R4
90.9
R1
1.5
11
EXPOSED PAD
R5
0
R6
0
C10
DNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com