Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC5582
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC5582 Datasheet HTML 7Page - Analog Devices LTC5582 Datasheet HTML 8Page - Analog Devices LTC5582 Datasheet HTML 9Page - Analog Devices LTC5582 Datasheet HTML 10Page - Analog Devices LTC5582 Datasheet HTML 11Page - Analog Devices LTC5582 Datasheet HTML 12Page - Analog Devices LTC5582 Datasheet HTML 13Page - Analog Devices LTC5582 Datasheet HTML 14Page - Analog Devices LTC5582 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC5582
11
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
The LTC5582 is a true RMS RF power detector, capable
of measuring an RF signal over the frequency range from
40MHz to 10GHz, independent of input waveforms with
different crest factors such as CW, CDMA2K, WCDMA,
LTE and WiMAX signals. Up to 60dB dynamic range is
achieved with a very stable output within the full tempera-
ture range from –40°C to 125°C. Its sensitivity can be as
low as –57dBm up to 2.7GHz even with single-ended 50Ω
input termination.
RF Inputs
The differential RF inputs are internally biased at 1.585V.
The differential impedance is 400Ω. These pins should be
DC blocked when connected to ground or other matching
components.
TheLTC5582canbedriveninasingle-endedconfiguration
asillustratedinFigure 3.Thesingle-endedinputimpedance
vs frequency is detailed in Table 1. The DEC Pin can be
either left floating or AC-coupled to ground via an external
capacitor. While the RF signal is applied to the IN+ (or IN–)
Pin, the other pin IN– (or IN+) should be AC-coupled to
ground. By simply terminating a 91Ω resistor between
the IN+ and IN– Pins and coupling the non-signal side
to ground using a 1nF capacitor, broadband 50Ω input
matching can be achieved with typical return loss better
than 10dB from 40MHz to 5.5GHz. At higher RF frequen-
cies, additional matching components may be needed.
Table 1. Single-Ended Input Impedance (DEC Floating)
FREQUENCY
(MHZ)
INPUT IMPEDANCE
(Ω)
S11
MAG
ANGLE (˚)
40
220.7-j63.0
0.655
–7.0
100
195.2-j47.3
0.611
–7.1
200
175.1-j37.6
0.571
–7.3
400
200.9-j42.2
0.618
–6.3
600
159.8-j52.9
0.563
–11.5
800
154.8-j52.4
0.554
–12.2
1000
158.6-j57.1
0.568
–12.4
1200
164.1-j81.1
0.612
–14.7
1400
138.1-j110.5
0.650
–21.0
1600
102.7-j113.3
0.659
–28.5
1800
80.1-j103.1
0.647
–35.3
2000
67.1-j92.0
0.628
–41.3
2200
58.4-j82.3
0.607
–46.7
2400
52.9-j74.5
0.586
–52.0
2600
48.5-j67.6
0.566
–57.0
2800
44.8-j61.5
0.546
–62.0
3000
41.8-j56.1
0.526
–66.9
3200
41.8-j56.3
0.508
–72.0
3400
37.3-j47.0
0.490
–77.1
3600
35.4-j42.9
0.473
–80.2
3800
33.9-j39.1
0.457
–87.7
4000
32.4-j35.5
0.445
–93.1
4200
31.1-j32.3
0.429
–98.8
4400
29.9-j29.1
0.416
–104.7
4600
28.9-j26.2
0.405
–110.7
4800
27.9-j23.3
0.395
–117.0
5000
27.0-j20.5
0.388
–123.5
5200
26.2-j17.8
0.382
–130.2
5400
25.4-j15.2
0.376
–136.9
5600
24.7-j12.6
0.376
–144.1
5800
24.0-j10.0
0.377
–151.3
6000
23.3-j7.5
0.377
–158.4
The LTC5582 differential inputs can also be driven from
a fully balanced source as shown in Figure 4. When the
signal source is a single-ended 50Ω, conversion to a dif-
ferential signal can be achieved using a 1:8 balun to match
the internal 400Ω input impedance to the 50Ω source.
This impedance transformation results in 9dB voltage
gain, thus 9dB improvement in sensitivity is obtained
Figure 3. Single-Ended Input Configuration
R4
91
J1
RF INPUT
C5
C8
OPTIONAL
C9
1nF
IN–
4
IN+
VCC
5582 F03
200
200
LTC5582
2
C4
1nF
DEC
3
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com