Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582IDDTRPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTC5582IDDTRPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582IDDTRPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC5582IDDTRPBF Datasheet HTML 8Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 9Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 10Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 11Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 12Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 13Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 14Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 15Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC5582
12
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 4. Differential Input Configuration
Figure 5. Single-Ended-to-Differential Conversion
while the overall dynamic range remains the same. At
high frequency, additional LC elements may be needed
for the input impedance matching due to the parasitics
of the transformer and PCB traces.
J1
RF INPUT
IN–
4
IN+
VCC
T1
1:8
5582 F04
200
200
LTC5582
2
DEC
3
50pF
Figure 6. RF Input Return Loss
Due to the high input impedance of the LTC5582, a narrow
band L-C matching network can be also used to convert
a single-ended input to differential signal as shown in
Figure 5. By this means, the sensitivity and overall linear
dynamic range of the detector will be very similar to the
one using 1:8 RF input balun. The conversion gain is
strongly dependent on the loss (or Q) of the matching
network, particularly at high frequency. The lower the Q,
the lower the conversion gain. However, the matching
bandwidthiscorrespondinglywider.Thefollowingformulas
are provided to calculate the input matching network for
single-ended-to-differentialconversionatlowRFfrequency
(i.e., below 1GHz).
CS1=CS2 =
1
πfc 50RIN
= 2.25•10
9
fc
(pF)
LM =
50RIN
2πfc
= 2.25•10
10
fc
(nH)
where RIN is the differential input resistance (400Ω) and
fc is the center RF operating frequency.
As an example, Figure 6 shows that good input return
loss is achieved from 300MHz to 400MHz when CS1 =
CS2 = 6.8pF and LM = 66nH. Figure 7 show the sensitivity
is also improved by 8dB at 350MHz while the dynamic
range remains the same.
Although these equations give a good starting point,
it is usually necessary to adjust the component values
after building and testing the circuit. As the RF operating
frequency increases, the real values of CS1, CS2, LM will
deviate from the above equations due to parasitics of the
components, device and PCB layout.
RF INPUT
CS1
6.8pF
CS2
6.8pF
TO IN–
TO IN+
5582 F05
MATCHING NETWORK
LM
66nH
FREQUENCY (MHz)
0
0
–5
–10
–15
–20
–25
–30
5582 F06
1000
900
800
700
600
500
400
300
200
100
RF INPUT POWER (dBm)
–75 –65
–25
–45
–5
5582 F07
5
–35
–55
–15
SINGLE-ENDED-TO-
DIFFERENTIAL INPUTS
SINGLE-ENDED
2.8
2.4
1.6
0.8
2.0
1.2
0.4
Figure 7. Output Voltage vs RF Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com