Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582IDDTRPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LTC5582IDDTRPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582IDDTRPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC5582IDDTRPBF Datasheet HTML 10Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 11Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 12Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 13Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 14Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 15Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 16Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 17Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC5582
14
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
larger filtering capacitor C3 at the expense of a slower
transient response.
Since the output buffer amplifier of the LTC5582 is capable
of driving an arbitrary capacitive load, the residual ripple
can be further filtered at the output with a series resistor
RSS and a large shunt capacitor CLOAD. See Figure 9. This
lowpass filter also reduces the output noise by limiting
the output noise bandwidth. When this RC network is
designed properly, a fast output transient response can
be maintained with a reduced residual ripple. For example,
we can estimate CLOAD with an output voltage swing of
1.7V at 2140MHz. In order not to allow the maximum
5mA souring current to limit the fall time (about 5μs),
the maximum value of CLOAD can be chosen as follows:
CLOAD ≤5mA •
allowable additional time
1.7V
=
5mA •
0.25µs
1.7V
= 735pF
Once CLOAD is determined, RSS can be chosen properly
to form a RC low-pass filter with a corner frequency of 1/
[2π(RSS + 100) • CLOAD].
In general, the rise time of the LTC5582 is much shorter
than the fall time. However, when the output RC filter is
used, the rise time can be dominated by the time constant
ofthisfilter.Accordingly,therisetimebecomesverysimilar
to the fall time. Although the maximum sinking capability
of the LTC5582 is 5mA, it is recommended that the output
load resistance should be greater than 1.2k in order to
achieve the full output voltage swing.
Temperature Compensation of Logarithmic Intercept
Thesimplifiedinterfaceschematicoftheintercepttempera-
ture compensation is shown in Figure 10. The adjustment
of the output voltage can be described by the following
equation with respect to the ambient temperature:
ΔVOUT = –TC1 • (TA – TNOM) – TC2 • (TA – TNOM)2–
detV1 – detV2
where TC1 and TC2 are the 1st-order and 2nd-order
temperature compensation coefficients, respectively; TA
is the actual ambient temperature; and TNOM is the refer-
ence room temperature; detV1 and detV2 are the output
Figure 10. Simplified Interface Circuit Schematic of the
Control Pins RT1 and RT2
voltage variations when RT1 and RT2 are not set to zero at
room temperature. The temperature coefficients TC1 and
TC2 are shown as functions of the tuning resistors RT1
and RT2 in Figures 11 and 12, respectively.
When Pins RT1 and RT2 are shorted to ground, the tem-
perature compensation circuit is disabled automatically.
Table 2 lists the suggested RT1 and RT2 values at various
RF frequencies for the best output performance over
temperature.
Table 2. Suggested RT1 and RT2 Values for Optimal Temperature
Performance vs RF Frequency
FREQUENCY (MHz)
RT1 (kΩ)
RT2 (kΩ)
450
12
2
880
12
2
2140
0
2
2700
0
1.6
250
RT1 OR RT2
RT1 OR RT2
VCC
5582 F10
LTC5582
RT1 (k)
5
0.8
0.2
15
25
35
40
30
20
10
0
1.2
0.4
0.6
1.0
100
40
80
60
20
0
120
5582 F11
TC1
detV1
Figure 11. 1st-Order Temperature Compensation Coefficient
TC1 vs RT1 Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com