Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582IDDTRPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LTC5582IDDTRPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582IDDTRPBF Datasheet(HTML) 2 Page - Analog Devices

  LTC5582IDDTRPBF Datasheet HTML 1Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 2Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 3Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 4Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 5Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 6Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 7Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 8Page - Analog Devices LTC5582IDDTRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC5582
2
Rev. D
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage.........................................................3.8V
Enable Voltage .................................–0.3V to VCC + 0.3V
Input Signal Power (Single-Ended, 50Ω) .............18dBm
Input Signal Power (Differential, 50Ω).................24dBm
TJMAX.................................................................... 150°C
Case Operating Temperature Range (TC):
I-Grade (Note 2)................................. –40°C to 105°C
H-Grade (Note 3) ............................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
11
GND
10
9
6
7
8
4
5
3
2
1
FLTR
EN
RT1
RT2
OUT
VCC
IN+
DEC
IN–
GND
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V. Test circuit is shown in Figure 1. (Notes 2 and 3).
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5582IDD#PBF
LTC5582IDD#TRPBF
LFGZ
10-Lead 3mm × 3mm Plastic DFN
–40°C to 105°C
LTC5582HDD#PBF
LTC5582HDD#TRPBF
LFGZ
10-Lead 3mm × 3mm Plastic DFN
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC5582IDD#3ZZPBF
LTC5582IDD#3ZZPBF
LFGZ
10-Lead 3mm × 3mm Plastic DFN
–40°C to 105°C
LTC5582HDD#3ZZPBF
LTC5582HDD#3ZZPBF
LFGZ
10-Lead 3mm × 3mm Plastic DFN
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Consult ADI Marketing for information on non-standard lead based finish parts.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #3ZZ suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Input
Input Frequency Range (Note 5)
40 to 10000
MHz
Input Impedance
Differential
400//0.5
Ω//pF
fRF = 450MHz
RF Input Power Range
CW; Single-Ended, 50Ω
–57 to 2
dBm
Linear Dynamic Range (Note 6)
±1dB Linearity Error
59
dB
Output Slope
29.5
mV/dB
Logarithmic Intercept (Notes 4, 6)
–86.2
dBm
Output Variation vs Temperature
Normalized to Output at 25°C, Pin = –50dBm to 0dBm
l
±0.5
dB
Deviation from CW Response
11dB Peak to Average Ratio (3-Carrier CDMA2K)
12dB Peak to Average Ratio (4-Carrier WCDMA)
0.1
0.1
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com