Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7316XFM-R Datasheet(PDF) 42 Page - Arista Networks, Inc

Part # DCS-7316XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7316XFM-R Datasheet(HTML) 42 Page - Arista Networks, Inc

Back Button DCS-7316XFM-R Datasheet HTML 38Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 39Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 40Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 41Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 42Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 43Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 44Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 45Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 46Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Off
Line card not inserted.
Green
Line card operating normally.
Yellow
Line card administratively shut
down.
Red
Module has failed.
The Line card provides LEDs for each port module socket:
•
Figure 27: Linecard Status LEDs (DCS-7300X-LC) displays SFP module LEDs. Each LED
corresponds to a module.
•
Figure 28: Linecard Status LEDs (DCS-7300X-32Q-LC) displays QSFP module LEDs. A set of four
LEDs correspond to each module. When the module is programmed as a 40G port, the first LED in
the set reports status. When the module is programmed as four 10G ports, each port is assigned to
an LED within the set.
Table 12: Line card Port LED States interprets port LED states.
Table 12: Line card Port LED States
LED State
Status
Off
Port link is down.
Green
Port link is up.
Yellow
Port is disabled in software.
A.3
Fan and Fabric Status Indicators
Fan and fabric modules are accessed from the rear panel. Fabric modules are inserted into the switch
and fan modules are inserted into the fabric modules.
Each switch contains four fabric modules; the fan module capacity of fabric modules varies by switch
model, as displayed in Table 13: Fan Module Capacity .
Table 13: Fan Module Capacity
Switch Model
Fabric Capacity
Switch Capacity
DCS-7304
2 fan modules
8 fan modules
DCS-7308
4 fan modules
16 fan modules
DCS-7316
8 fan modules
32 fan modules
Rear Panels displays the rear panel of all switches covered by this guide. Figure 29: Fan Status and
Fabric Status LEDs displays a DCS-7304-FM fabric module and the fan modules that it contains.
Fan and fabric module indicators are displayed in Figure 29: Fan Status and Fabric Status LEDs . The
fan handle indicates the fan direction. All fan modules must have the same color handle.
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com