Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7316XFM-R Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # DCS-7316XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7316XFM-R Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button DCS-7316XFM-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 15Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Overview
PWR-3KT-
AC- BLUE
DCS-7304
DCS-7308
200 - 240
VAC
16 A (20 A
US)
50 or 60 Hz
20 A
Power
cables: 14
AWG, C19-
C20
One for
each AC
power
supply
module
supplied with
switch.
Forward
(Blue)
PWR-2700-
DC-R
PWR-2700-
DC-F
DCS-7304
DCS-7308
DCS-7316
-48 to -60
VDC
80 A
100 A
DC Adapter
(Arista part
number
CON-00581)
2 hole
compression
lug (not
included)
One DC
adapter
per power
supply
2
compression
lugs per DC
Adapter
Reverse
(Red)
Forward
(Blue)
PWR-3K-
DC- BLUE
DCS-7304
DCS-7308
-48 to -60
VDC
82.5 A
100 A
2 hole
compression
lug (not
included)
2
compression
lugs per DC
Adapter
Forward
(Blue)
Table 7: Power Supply Setup for LED Status lists the power supply setup for LED status indicators.
Table 7: Power Supply Setup for LED Status
PWR-3K-AC-
Blue
PWR-3KT-
AC-R
PWR-2700-
DC-R
PWR-3K-DC-
Blue
Power
Supply State
LED Name
PWR-3K-AC-
Red
PWR-3KT-AC
-F
PWR-2700-
DC-F
PWR-3K-DC-
Red
Input power
present
Normal
Operation
Vin Good
DC Good
Fault
Green
Green
Off
Green
Green
Off
Green
Green
Off
Green
Input power
present
Main output
off
Vin Good
DC Good
Fault
Green
Off
Off
Green
Off
Off
Green
Off
Off
Blinking
Green
Input power
present
Power Supply
Fault
Vin Good
DC Good
Fault
Green
Off
Blinking
Amber
Green
Off
Blinking
Amber
Green
Off
Blinking
Amber
Blinking
Amber, 1 sec
on, 1 sec off
No Input
Power
Supply
installed in
chassis
Vin Good
DC Good
Fault
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com