Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7316XFM-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # DCS-7316XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7316XFM-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button DCS-7316XFM-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Overview
1.6
Specifications
Table 1: 7300 Modular Switch and Component Specifications lists specifications of Arista Data Center
modular switches and components covered by this guide.
Table 1: 7300 Modular Switch and Component Specifications
DCS-7304/7324/7304X3
DCS-7308/7328/7308X3
DCS-7316
Height
8 RU: 353mm (13.9
inches)
13 RU: 572 mm (22.5
inches)
21 RU: 930 mm (36.6
inches)
Width
442 mm (17.4 inches)
442 mm (17.4 inches)
442 mm (17.4 inches)
Depth
602 mm (23.7 inches)
602 mm (23.7 inches)
706 mm (27.8 inches)
Weight
Empty
36 kg (78 lbs)
50 kg (110 lbs)
81 kg (178 lbs)
Fully Loaded
89 kg (196 lbs)
140 kg (309 lbs)
244 kg (536 lbs)
Input Power (per circuit)
AC Power
200 - 240 VAC, 16 A (20 A
US), 50 or 60 Hz
200 - 240 VAC, 16 A (20 A
US), 50 or 60 Hz
200 - 240 VAC, 16 A
(20 A US), 50 or 60
Hz
DC Power
-48 - -60 VDC, 80 A
-48 - -60 VDC, 80 A
-48 - -60 VDC, 80 A
Branch Circuit Protection
AC Power
20 A
20 A
20 A
DC Power
100 A
100 A
100 A
Input Power
Circuits
1 to 4 circuits
2 to 6 circuits
3 to 8 circuits
Operating
Temperature
0° to 40°C (32° to 104°F)
0° to 40°C (32° to 104°F)
0° to 40°C (32° to
104°F)
Storage
Temperature
-40° to 70°C (-40° to
158°F)
-40° to 70°C (-40° to
158°F)
-40° to 70°C (-40° to
158°F)
Operating
Altitude
0 to 3,000 meters (0 to
10,000 feet)
0 to 3,000 meters (0 to
10,000 feet)
0 to 3,000 meters (0 to
10,000 feet)
Relative
Humidity
5 to 90%
5 to 90%
5 to 90%
Cooling
6000 W maximum
9000 W maximum
12000 W maximum
Table 2: 7300 Series Power Specifications lists power specifications of modular switch components.
Table 2: 7300 Series Power Specifications
Module Type
Part Number
Power Draw Typical /
Maximum
Supervisor Modules
DCS-7300(-D)-SUP
65 W / 80 W
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com