Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC431LPF Datasheet(PDF) 6 Page - ADDtek Corp

Part # AMC431LPF
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC431LPF Datasheet(HTML) 6 Page - ADDtek Corp

Back Button AMC431LPF Datasheet HTML 2Page - ADDtek Corp AMC431LPF Datasheet HTML 3Page - ADDtek Corp AMC431LPF Datasheet HTML 4Page - ADDtek Corp AMC431LPF Datasheet HTML 5Page - ADDtek Corp AMC431LPF Datasheet HTML 6Page - ADDtek Corp AMC431LPF Datasheet HTML 7Page - ADDtek Corp AMC431LPF Datasheet HTML 8Page - ADDtek Corp AMC431LPF Datasheet HTML 9Page - ADDtek Corp AMC431LPF Datasheet HTML 10Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AMC431
Copyright
© 2006 ADDtek Corp.
6
DD021_G
--
JUNE 2006
APPLICATION INFORMATION
VO = (1 + R1/R2) × VREF
Note: R should provide 1mA cathode current to the AMC431 of
minimum VBATT
Figure 4. Shunt Regulator
Figure 5. Single –Supply Comparator With
Temperature compensated threshold.
VO = (1 + R1/R2) × VREF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
VBATT
R1
0.1%
VREF
Von ≈ 2V
Voff ≈ VBATT
GND
Vth = 2.5V
Input
VO
VBATT
R2
0.1%
VO
R*
R1
R2
VBATT
AMC431
AMC431
AMC431
AMC431
VBATT
R1
R2
C
VO
VO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com