Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC431LPF Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC431LPF
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC431LPF Datasheet(HTML) 1 Page - ADDtek Corp

  AMC431LPF Datasheet HTML 1Page - ADDtek Corp AMC431LPF Datasheet HTML 2Page - ADDtek Corp AMC431LPF Datasheet HTML 3Page - ADDtek Corp AMC431LPF Datasheet HTML 4Page - ADDtek Corp AMC431LPF Datasheet HTML 5Page - ADDtek Corp AMC431LPF Datasheet HTML 6Page - ADDtek Corp AMC431LPF Datasheet HTML 7Page - ADDtek Corp AMC431LPF Datasheet HTML 8Page - ADDtek Corp AMC431LPF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.addmtek.com
Copyright
© 2006 ADDtek Corp.
1
DD021_G
--
JUNE 2006
AMC431
PRECISION ADJUSTABLE
SHUNT VOLTAGE REFERENCE
VREF
CATHODE
ANODE
DESCRIPTION
FEATURES
The AMC431 is a three-terminal adjustable shunt
voltage regulator with specified thermal stability and
pin-to-pin compatible with the earlier 431 series. The
output voltage can be adjusted to any value between VREF
and 36V by using two external resistors. The AMC431
offers low output impedance for improved load regulation
with a typical output impedance of 200m
Ω. Because of
the active output circuitry, the AMC431can replace the
zener diodes in applications such as switching power
supplies, OVP crowbar circuits, references for A/D, D/A
converters with improved turn-on characteristics.
Initial voltage reference accuracy of 0.5%,
1.0%, and 1.5%
Sink current capability from 1mA to 100mA
Typical output dynamic impedance less than
200m
Ω;
Adjustable output voltage from VREF to 36V
Available in 3L-TO92 and surface mount SOT89,
SOT23.
Low output noise
Typical equivalent full range temperature
coefficient of 30ppm/°C
Pin assignment identical to earlier TL431 series.
APPLICATIONS
PACKAGE PIN OUT
3-Pin Plastic TO-92
(Top View)
Voltage Reference
Precision shunt regulator
High current shunt regulator
PWM down converter with
reference
Voltage monitor
ORDER INFORMATION
TO-92
SOT-89
SOT-23
SOT-23
TA (°C)
Initial
Tolerance
LP
3-pin
PK
3-pin
DB
3-pin
DB
3-pin
1.5%
AMC431CLP
--
--
--
1.5%
AMC431CLPF(Lead Free) --
--
--
1%
AMC431LP
AMC431PK
AMC431DB
AMC431RDB
1%
AMC431LPF(Lead Free)
AMC431PKF(Lead Free)
AMC431DBF(Lead Free)
AMC431RDBF(Lead Free)
0.5%
AMC431BLP
AMC431BPK
AMC431BDB
AMC431BRDB
0 to 70
0.5%
AMC431BLPF(Lead Free) AMC431BPKF(Lead Free) AMC431BDBF(Lead Free)
AMC431BRDBF(Lead Free)
Note: 1. For AMC431RDB and AMC431BRDB.
2. For AMC431DB and AMC431BDB.
3. For surface-mount and TO-92 packages in Tape & Reel, add suffix “T” (e.g., AMC431LPT, AMC431DBT).
4. For TO-92 in Tape & Box (without reel), add suffix “TB” (e.g., AMC431LPTB).
5. DB package is only available in Tape & Reel.
6. The letter “F” is marked for Lead Free process.
VREF
ANODE
CATHODE
CATHODE
VREF
ANODE
3-Pin Plastic SOT-23
Surface Mount
(Top View)
(Note 2)
3-Pin Plastic SOT-23
Surface Mount
(Top View
) (Note 1)
3-Pin Plastic SOT-89
Surface Mount
(Top View)
CATHODE
ANODE
VREF


Similar Part No. - AMC431LPF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC431LP ETC2-AMC431LP Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
More results

Similar Description - AMC431LPF

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com