Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC431LPF Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC431LPF
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC431LPF Datasheet(HTML) 2 Page - ADDtek Corp

  AMC431LPF Datasheet HTML 1Page - ADDtek Corp AMC431LPF Datasheet HTML 2Page - ADDtek Corp AMC431LPF Datasheet HTML 3Page - ADDtek Corp AMC431LPF Datasheet HTML 4Page - ADDtek Corp AMC431LPF Datasheet HTML 5Page - ADDtek Corp AMC431LPF Datasheet HTML 6Page - ADDtek Corp AMC431LPF Datasheet HTML 7Page - ADDtek Corp AMC431LPF Datasheet HTML 8Page - ADDtek Corp AMC431LPF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMC431
Copyright
© 2006 ADDtek Corp.
2
DD021_G
--
JUNE 2006
TYPICAL APPLICATION
BLOCK DIAGRAM
5V Precision Regulator
+
-
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Cathode to Anode Voltage (V
KA) (Note 2)
-0.3V to 37V
Continuous Cathode Current (I
K)
-100mA to 150mA
Reference Input Current (I
REF)
-50uA to 10mA
Maximum junction temperature range, TJ
150°C
Storage temperature range
-65
OC to 150OC
Lead temperature (soldiering, 10 seconds)
260°C
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into,
negative out of the specified terminal.
Note 2:
Voltage values are with respect to the anode terminal unless otherwise noted.
POWER DISSIPATION TABLE
Package
θ
JA
(°C /W )
Derating factor
DF(mW/°C)
TA ≥ 25°C
TA ≤ 25°C
Power rating(mW)
TA=70°C
Power rating(mW)
TA= 85°C
Power rating (mW)
LP
156
6.41
801
513
417
LPF
156
6.41
801
513
417
PK
71(note)
14.1
1763
1128
916
PKF
71(note)
14.1
1763
1128
916
DB
285
3.5
438
280
228
DBF
285
3.5
438
280
228
Note :1.For PK package, Thermal Resistance-Junction to Tab (
θ
JT ) = 35°C /W. TJ = TTAB + (PD × θJT).
P
D: Power Dissipation.
2.
θ
JA: Thermal Resistance-Junction to Ambient,
DF = 1/θJA
Junction Temperature Calculation:
T
J = T
A + (PD × θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
CATHODE
ANODE
REF
VREF
R2
27.5K
0.1%
R1
27.5K
0.1%
Rb
V+
VO = 5V
Note: Rb should
provide cathode
current
≥ 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com