Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL12S Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL12S
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL12S Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL12S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
10
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL DATA
PACKAGE SM
PLASTIC SURFACE MOUNT SIDE-LOOKER PACKAGE
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1.00
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
5.73 + 0.50
4.60
0.15 Note B
2.59
0.62 + 0.10
1.97
0.62 +0.10
−0.15
Lead Free
Pb
2
y 2
NOTES: A. All linear dimensions are in millimeters; tolerance is ± 0.25 mm unless otherwise stated.
B. Dimension is to center of lens arc, which is located below the package face.
C. The integrated photodiode active area is typically located in the center of the lens and 0.97 mm below the top of the lens surface.
D. Index of refraction of clear plastic is 1.55.
E. Lead finish for TSL1xSM−LF: solder dipped, 100% Sn.
F. This drawing is subject to change without notice.
Figure 18. Package SM — Surface Mount Side-Looker Package Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com