Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL12S Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL12S
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL12S Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL12S Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D Converts Light Intensity to Output Voltage
D Monolithic Silicon IC Containing
Photodiode, Transconductance Amplifier,
and Feedback Components
D Single-Supply Operation . . . 2.7 V to 5.5 V
D High Irradiance Responsivity ...Typical
246 mV/(μW/cm2) at λp = 640 nm (TSL12S)
D Low Supply Current . . . 1.1 mA Typical
D Sidelooker 3-Lead Plastic Package
D RoHS Compliant (−LF Package Only)
Description
The TSL12S, TSL13S, and TSL14S are cost-optimized, highly integrated light-to-voltage optical sensors, each
combining a photodiode and a transimpedance amplifier (feedback resistor = 80 MΩ, 20 MΩ, and 5 MΩ,
respectively) on a single monolithic integrated circuit. The photodiode active area is 0.5 mm
× 0.5 mm and the
sensors respond to light in the range of 320 nm to 1050 nm. Output voltage is linear with light intensity
(irradiance) incident on the sensor over a wide dynamic range. These devices are supplied in a 3-lead clear
plastic sidelooker package (S). When supplied in the lead (Pb) free package, the device is RoHS compliant.
Functional Block Diagram
Voltage
Output
+
−
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT


Similar Part No. - TSL12S

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL12S AMSCO-TSL12S Datasheet
792Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
More results

Similar Description - TSL12S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL12T TAOS-TSL12T Datasheet
214Kb / 14P
LIGHT-TO-VOLTAGE CONVERTERS
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
LIGHT-TO-VOLTAGE CONVERTERS
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
Light-to-Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com