Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL12S Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL12S
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL12S Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL12S Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
PARAMETER MEASUREMENT INFORMATION
OUTPUT VOLTAGE WAVEFORM (See Note B)
TEST CIRCUIT
Peak Ee
10%
Min VO
tr
TSL1xS
RL
VDD
2
1
3
+
−
Output
Pulse
Generator
LED
(see Note A)
90%
NOTES: A. The input irradiance is supplied by a pulsed AlInGaP light-emitting diode with the following characteristics: λp = 640 nm,
tr < 1 μs, tf < 1 μs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MΩ, Ci ≤ 20 pF.
Figure 1. Switching Times
tdr
10%
90%
tdf
tf
Peak VO
Min Ee
Input
TYPICAL CHARACTERISTICS
Figure 2
PHOTODIODE SPECTRAL RESPONSIVITY
λ − Wavelength − nm
400
500
600
700
800
900 1000 1100
300
0
0.2
0.4
0.6
0.8
1
Figure 3
θ − Angular Displacement
80°
60°
40°
20°
0°
80°
60°
40°
20°
NORMALIZED OUTPUT VOLTAGE
vs
ANGULAR DISPLACEMENT
0
0.2
0.4
0.6
0.8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com