Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470PLF111 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS470PLF111
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470PLF111 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS470PLF111 Datasheet HTML 35Page - Texas Instruments TMS470PLF111 Datasheet HTML 36Page - Texas Instruments TMS470PLF111 Datasheet HTML 37Page - Texas Instruments TMS470PLF111 Datasheet HTML 38Page - Texas Instruments TMS470PLF111 Datasheet HTML 39Page - Texas Instruments TMS470PLF111 Datasheet HTML 40Page - Texas Instruments TMS470PLF111 Datasheet HTML 41Page - Texas Instruments TMS470PLF111 Datasheet HTML 42Page - Texas Instruments TMS470PLF111 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
TMS470PLF111
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS113 – OCTOBER 2006
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251-1443
internal voltage regulator specifications
1 Ramping at minimum tD(VCCIOR)0-3 with large load capacitance Cmin can cause large transient currents (approximately 1.9 A).
Figure 11. PORRST Timing Requirements
VREG recommended operation conditions
VREG halt-mode timing characterisitics(2)(3)
2 These times only reflect VREG transition times. Times for other components are not included.
3 Device low power modes are not supported when the VREG is disabled
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
tD(VCCIOR)0-3
Delay time, 5V input supply to ramp from 0V to 4.75V(1)
25
us
tV(PORRST)L
Valid time, PORRST active after 5V input supply becomes
≥ 4.75V
150
us
VCCIORmin(PORRST)f Minimum input voltage, when PORRST must be made active during power down or brown out
4.75
V
Cmin(VCC)core
Capacitance distributed over all core VCC pins for voltage regulator stability
10
uF
ESR(max)core
Total combined ESR of stabilization capacitors on core Vcc pins
00.25
Ω/pin
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC
VCC load rating
Normal mode, regulator active
0
100
mA
Halt mode, regulator active
3
mA
PARAMETER
MIN
MAX
UNIT
tnormal-halt
transition time between normal mode and halt mode
70
nS
thalt-normal
transition time between halt mode and normal mode
20
μS
VCCP/VCCIOR
PORRST
4.75V
tV(PORRST)L
tD(VCCIOR)0-3
VCCIORmin(PORRST)f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com