Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470PLF111 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS470PLF111
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470PLF111 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS470PLF111 Datasheet HTML 9Page - Texas Instruments TMS470PLF111 Datasheet HTML 10Page - Texas Instruments TMS470PLF111 Datasheet HTML 11Page - Texas Instruments TMS470PLF111 Datasheet HTML 12Page - Texas Instruments TMS470PLF111 Datasheet HTML 13Page - Texas Instruments TMS470PLF111 Datasheet HTML 14Page - Texas Instruments TMS470PLF111 Datasheet HTML 15Page - Texas Instruments TMS470PLF111 Datasheet HTML 16Page - Texas Instruments TMS470PLF111 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
TMS470PLF111
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS113 – OCTOBER 2006
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251-1443
memory selects
Memories in the PLF111 device are located at fixed addresses. Tables below detail the mapping of the memory
regions.
Table 2. Memory Frame Assignment
Table 3. Peripheral Memory
Table 4. Peripheral Select Map with Address Range
Table 5. System Peripheral Registers
MEMORY FRAME NAME BASE ADDRESS ENDING ADDRESS MEMORY TYPE ACTUAL MEMORY SIZE
nCS0
0x0000 0000
0x0001 FFFF
Flash
128KBytes
0x0040 0000
0x0040 7FFF
Flash-ECC
32KBytes
CSRAM0
0x0800 0000
0x0800 1FFF
Internal RAM
8KBytes
PERIPHERAL
MEMORY NAME
ADDRESS RANGE
PERIPHERAL
MEMORY CHIP
SELECT
PERIPHERAL MEMORY
POWERDOWN
CONTROL REGISTER
BASE ADDRESS ENDING ADDRESS
CAN (SCC) RAM
0xFF1E 0000
0xFF1F FFFF
PCS[15]
PCSPWRDWNSET0[15]
ADC RAM
0xFF3E 0000
0xFF3F FFFF
PCS[31]
PCSPWRDWNSET0[31]
HET RAM
0xFF46 0000
0xFF47 FFFF
PCS[35]
PCSPWRDWNSET1[3]
PERIPHERAL
NAME
ADDRESS RANGE
PERIPHERAL
SELECT
PERIPHERAL POWERDOWN
CONTROL REGISTER
BASE ADDRESS ENDING ADDRESS
SPI
0xFFF7 F400
0xFFF7 F5FF
PS[2]
PSPWRDWNSET0[9:8]
LIN2
0xFFF7 E600
0xFFF7 E6FF
PS[6]
PSPWRDWNSET0[26]
LIN1
0xFFF7 E500
0xFFF7 E5FF
PS[6]
PSPWRDWNSET0[25]
SCC
0xFFF7 DC00
0xFFF7 DCFF
PS[8]
PSPWRDWNSET1[0]
I2C
0xFFF7 D400
0xFFF7 D4FF
PS[10]
PSPWRDWNSET1[8]
C2SI
0xFFF7 D000
0xFFF7 D0FF
PS[11]
PSPWRDWNSET1[12]
MibADC
0xFFF7 C000
0xFFF7 C1FF
PS[15]
PSPWRDWNSET1[29:28]
GIO
0xFFF7 BC00
0xFFF7 BDFF
PS[16]
PSPWRDWNSET2[1:0]
HET
0xFFF7 B800
0xFFF7 B8FF
PS[17]
PSPWRDWNSET2[4]
FRAME NAME
BASE ADDRESS ENDING ADDRESS
CRC/PSA
0xFE00 0000
0xFEFF FFFF
VIM RAM
0xFFF8 2000
0xFFF8 2FFF
Flash wrapper
0xFFF8 7000
0xFFF8 7FFF
PCR Registers
0xFFFF E000
0xFFFF E0FF
RTI
0xFFFF FC00
0xFFFF FCFF
VIM Registers
0xFFFF FE00
0xFFFF FEFF
System Registers
0xFFFF FF00
0xFFFF FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com