Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470PLF111 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS470PLF111
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470PLF111 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS470PLF111 Datasheet HTML 17Page - Texas Instruments TMS470PLF111 Datasheet HTML 18Page - Texas Instruments TMS470PLF111 Datasheet HTML 19Page - Texas Instruments TMS470PLF111 Datasheet HTML 20Page - Texas Instruments TMS470PLF111 Datasheet HTML 21Page - Texas Instruments TMS470PLF111 Datasheet HTML 22Page - Texas Instruments TMS470PLF111 Datasheet HTML 23Page - Texas Instruments TMS470PLF111 Datasheet HTML 24Page - Texas Instruments TMS470PLF111 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
TMS470PLF111
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS113 – OCTOBER 2006
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251-1443
device identification code register
The device identification code register identifies the coprocessor status, an assigned device-specific part num-
ber, the technology family (TF), the I/O voltage, whether or not parity is supported, the levels of flash and RAM
erro detection, and the device version. The PLF111 device identification code register value is 0x0006_3405.
Table 8. TMS470 Device ID Bit Allocation Register
LEGEND:
R = Read only, -K = Value constant after RESET
Device ID Bit Allocation Register Field Descriptions
BIT 31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BIT 16
FFFF_FFF0 CP15
PART NUMBER
TF
R-K
R-K
R-K
BIT 15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BIT 0
TF
I/O
VOLT
PP
FLASH ECC
RAM
ECC
VERSION
101
R-K
R-K
R-K
R-K
R-K
R-K
R-1
R-0
R-1
Bit
Name
Value
Description
31
CP15
This bit indicates the presence of coprocessor (CP15)
0
No coprocessor present in the device
1
Coprocessor present in the device
30–17
PART
NUMBER
These bits indicate the assigned device-specific part number.
The assigned device-specific part number for the PLF111 device is
00000000000011 (0x3).
16–13
TF
Technology family bit
These bits indicate the technology family (C05, F05, F035, C035).
0001
F05
12
I/O
VOLT
I/O voltage bit
This bit identifies the core power supply:
0
3.3 V
1
5 V
11
PP
Peripheral parity bit
This bit indicates whether parity is supported:
0
No parity on peripheral
1
Parity on peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com