Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOR-R3 Datasheet(PDF) 1 Page - Eravant

Part # SOR-R3
Description  Gunn Oscillator Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SOR-R3 Datasheet(HTML) 1 Page - Eravant

  SOR-R3 Datasheet HTML 1Page - Eravant SOR-R3 Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOR-R3
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/2
Final Rev 1.2
Gunn Oscillator Regulator
SOR-R3 is a voltage regulator designed and manufactured to protect the
Gunn oscillator from being accidently reverse biased or over biased. The
well-regulated and low ripple output voltage supplied by the regulator
also helps to reduce possible amplitude and frequency modulation
caused by the ripples of the bias voltage supplied by a low-quality DC
power supply.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Input Voltage (VDC)
+15 VDC
Output Voltage (VDC)
+5 VDC
+12 VDC
Output Current Capacity
1,000 mA
Specification Temperature
+25°C
Case Temperature
0°C
+50°C
Item
Specification
Input Connector
Solder Pins
Output Connector
SMA (F)
Case Material
Aluminum
Finish
Chem Film
Weight
2.4 Oz
Size
2.5” (L) x 1.8” (W) x 0.6” (H)
Outline
OR-R3
ECCN
EAR99
FEATURES
•
High Regulated and Precise
Output Voltage
•
Low ripple to reduce AM
Modulation
APPLICATIONS
•
Lab Test Setups
•
Gunn Oscillation Protection
• Gunn Oscillation Enhancement
SUPPLEMENTAL DETAILS


Similar Part No. - SOR-R3

ManufacturerPart #DatasheetDescription
logo
Eravant
SOR-05-SM-R1 ERAVANT-SOR-05-SM-R1 Datasheet
267Kb / 2P
Voltage Regulator
Rev 1.0
SOR-M3 ERAVANT-SOR-M3 Datasheet
269Kb / 2P
Gunn Oscillator AM/FM Modulator, GaAs Gunn Diodes Biased
Rev 1.1
SOR-M5 ERAVANT-SOR-M5 Datasheet
269Kb / 2P
Gunn Oscillator AM/FM Modulator, InP Gunn Diodes Biased
Rev 1.1
More results

Similar Description - SOR-R3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1003A PHILIPS-TDA1003A Datasheet
265Kb / 7P
MOTOR REGULATOR AND BIAS/ERASE OSCILLATOR CIRCUIT
February 1980
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
logo
Microsemi Corporation
MG1001 MICROSEMI-MG1001 Datasheet
210Kb / 4P
GUNN Diodes Cathode Heat Sink
MG1041 MICROSEMI-MG1041 Datasheet
176Kb / 2P
GUNN Diodes Anode Heat Sink
MO8651 MICROSEMI-MO8651 Datasheet
205Kb / 3P
GUNN OSCILLATORS Fixed Frequency
MO86728 MICROSEMI-MO86728 Datasheet
176Kb / 3P
GUNN TRANSCEIVERS Fixed Frequency
MO87108 MICROSEMI-MO87108 Datasheet
168Kb / 3P
GUNN OSCILLATORS Voltage Controlled
logo
IXYS Corporation
MWT-GK IXYS-MWT-GK Datasheet
214Kb / 1P
K-band 18-26.5GHz Gunn Diode
logo
Pasternack Enterprises,...
PEWGN1001 PASTERNACK-PEWGN1001 Datasheet
382Kb / 3P
Waveguide Gunn Oscillator, Center Frequency 24.125 GHz, Tuning Range 1,000 MHz
logo
Dynex Semiconductor
AC2001 DYNEX-AC2001 Datasheet
267Kb / 2P
Millimeter Wave gunn Oscillator Module
January 2000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com