Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2658A Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2658A
Description  Green energy-saving current mode PWM switching power supply controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2658A Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2658A Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 8Page - Xian Semipower Electronic Technology Co., Ltd. SW2658A Datasheet HTML 9Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SW2658A
SAMWIN 绿色电源的最佳选择 HTTP://WWW.SEMIPOWER.COM.CN
第 2 页 共 9 页
SW2658A-CN-02
典型应用
引脚说明
脚号
脚名
说明
1
VDD-G
内部栅极驱动电源输入
2
VDD
芯片电源
3
FB
反馈输入引脚。PWM控制器的占空比由此引脚上的反馈电压和SENSE引脚上的检测电压共同决定。
4
SENSE
电流采样输入
5
DRAIN
高压MOSFET漏极,此引脚连接在变压器初级侧线圈一端,线圈另一端连接整流输入电容阳极
6
DRAIN
7
GND
地
8
GND
典型输出功率能力
产品型号
190—264VAC
85—264VAC
适配器
开放式
适配器
开放式
SW2658A
20W
25W
12W
18W(峰值24W)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com