Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FV0 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STR750FV0
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV0 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STR750FV0 Datasheet HTML 64Page - STMicroelectronics STR750FV0 Datasheet HTML 65Page - STMicroelectronics STR750FV0 Datasheet HTML 66Page - STMicroelectronics STR750FV0 Datasheet HTML 67Page - STMicroelectronics STR750FV0 Datasheet HTML 68Page - STMicroelectronics STR750FV0 Datasheet HTML 69Page - STMicroelectronics STR750FV0 Datasheet HTML 70Page - STMicroelectronics STR750FV0 Datasheet HTML 71Page - STMicroelectronics STR750FV0 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
Electrical parameters
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
68/81
SMI - Serial memory interface
Subject to general operating conditions with CL
≈ 30 pF.
Figure 39.
SMI timing diagram
I2C - Inter IC control interface
Subject to general operating conditions for VDD_IO, fPCLK, and TA unless otherwise specified.
The I2C interface meets the requirements of the Standard I2C communication protocol
described in the following table with the restriction mentioned below:
Restriction: The I/O pins which SDA and SCL are mapped to are not “True” Open-
Drain: when configured as open-drain, the PMOS connected between the I/O pin and
VDD_IO is disabled, but it is still present. Also, there is a protection diode between the
I/O pin and VDD_IO. Consequently, when using this I
2C in a multi-master network, it is
Table 40.
SMI characteristics(1)
1.
Data based on characterisation results, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
fSMI_CK
SMI clock frequency
32(2)(3)
2.
Max. frequency = fPCLK/2 = 64/2 = 32 MHz.
3.
Valid for all temperature ranges: -40 to 105 °C, with 30 pF load capacitance.
MHz
48(4)
4.
Valid up to 60 °C, with 10 pF load capacitance.
tr(SMI_CK)
SMI clock rise time
10
ns
tf(SMI_CK)
SMI clock fall time
8
tv(SMI_DOUT) Data output valid time
10
th(SMI_DOUT) Data output hold time
0
tv(SMI_CSSx) CSS output valid time
10
th(SMI_CSSx) CSS output hold time
0
tsu(SMI_DIN) Data input setup time
0
th(SMI_DIN)
Data input hold time
5
SMI_DOUT OUTPUT
SMI_DIN INPUT
tc(SMI_CK)
tw(SMI_CKH)
tw(SMI_CKL)
th(SMI_DIN)
tsu(SMI_DIN)
tv(SMI_DOUT)
th(SMI_DOUT)
MSB IN
MSB OUT
BIT6 IN
BIT6 OUT
LSB OUT
LSB IN
tr(SMI_CK)
tf(SMI_CK)
SMI_CK OUTPUT
SMI_CSSX OUTPUT
tv(SMI_CSS)
th(SMI_CSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com