Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FV0 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR750FV0
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV0 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR750FV0 Datasheet HTML 12Page - STMicroelectronics STR750FV0 Datasheet HTML 13Page - STMicroelectronics STR750FV0 Datasheet HTML 14Page - STMicroelectronics STR750FV0 Datasheet HTML 15Page - STMicroelectronics STR750FV0 Datasheet HTML 16Page - STMicroelectronics STR750FV0 Datasheet HTML 17Page - STMicroelectronics STR750FV0 Datasheet HTML 18Page - STMicroelectronics STR750FV0 Datasheet HTML 19Page - STMicroelectronics STR750FV0 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
Pin Description
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
16/81
Port Reset State
The reset state of the I/O ports is GPIO input floating. Exceptions are P1[19:16] and P0.13
which are configured as JTAG alternate functions:
The JTAG inputs (JTDI, JTMS and JTDI) are configured as input floating and are ready
to accept JTAG sequences.
The JTAG output JTDO is configured as floating when idle (no JTAG operation) and is
configured in output push-pull only when serial JTAG data must be output.
The JTAG output RTCK is always configured as output push-pull. It outputs '0' level
during the reset phase and then outputs the JTCK input signal resynchronized 3 times
by the internal AHB clock.
The GPIO_PCx registers do not control JTAG AF selection, so the reset values of
GPIO_PCx for P1[19:16] and P0. 13 are the same as other ports. Refer to the GPIO
section of the STR750 Reference Manual for the register description and reset values.
P0.11 and P0.00 are sampled by the boot logic after reset, prior to fetching the first
word of user code at address 0000 0000h.
When booting from SMI (and only in this case), the reset state of the following GPIOs is
"SMI alternate function output enabled":
P0.07 (SMI_DOUT)
P0.05 (SMI_CLK)
P0.04 (SMI_CS0)
P0.06 (SMI_DIN)
Note that the other SMI pins: SMI_CS1,2,3 (P0.12, P0.11, P0.10) are not affected.
To avoid excess power consumption, unused I/O ports must be tied to ground.
Table 6.
STR750F pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(3)
PP
1B1
1
B1
P1.12 /
ADC_IN13
I/O
TT
X
XEIT12
O8
X
X
Port 1.12
ADC: Analog
input 13
2B2
2
C2
P0.02 /
TIM2_OC1 /
ADC_IN0
I/O
TT
X
XEIT0
O8
X
X
Port 0.02
TIM2: Output
Compare 1(4)
ADC: Analog
input 0
3B3
3
C1
P0.01 / TIM0_TI1
/ MCO
I/O
TT
X
XO8
X
X
Port 0.01
TIM0: Input
Capture / trigger
/ external clock 1
Main Clock
Output
4C2
4
C3
P0.00 /
TIM0_OC1 /
BOOT0
I/O
TT
X
XO8
X
X
Port 0.00 /
Boot mode
selection
input 0
TIM0: Output Compare 1
5
C1
P0.31 / TIM1_TI2
I/O
TT
X
XO2
X
X
Port 0.31
TIM1: Input Capture / trigger /
external clock 2
6D2
P0.30 /
TIM1_OC2
I/O
TT
X
XO2
X
X
Port 0.30
TIM1: Output Compare 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com