Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FV0 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STR750FV0
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV0 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STR750FV0 Datasheet HTML 16Page - STMicroelectronics STR750FV0 Datasheet HTML 17Page - STMicroelectronics STR750FV0 Datasheet HTML 18Page - STMicroelectronics STR750FV0 Datasheet HTML 19Page - STMicroelectronics STR750FV0 Datasheet HTML 20Page - STMicroelectronics STR750FV0 Datasheet HTML 21Page - STMicroelectronics STR750FV0 Datasheet HTML 22Page - STMicroelectronics STR750FV0 Datasheet HTML 23Page - STMicroelectronics STR750FV0 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
Pin Description
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
20/81
68
A10
P1.02 /
TIM2_OC2
I/O
TT
X
XO2
X
X
Port 1.02
TIM2: Output compare 2
(remappable to P0.06)(8)
69
D7
44
C6
VDD_IO
S
Supply Voltage for digital I/Os
70
D8
45
D6
VDDA_ADC
S
Supply Voltage for A/D converter
71
C9
P2.11
I/O
TT
X
XO2
X
X
Port 2.11
72
B10
P2.10
I/O
TT
X
XO2
X
X
Port 2.10
73
C8
46
D7
VSSA_ADC
S
Ground Voltage for A/D converter
74
C7
47
C7
VSS_IO
S
Ground Voltage for digital I/Os
75
E8
48
D5
VREG_DIS
I
TT
Voltage Regulator Disable input
76
A9
49
A8
P0.07 /
SMI_DOUT /
SSP0_MOSI
I/O
TT
X
XEIT2
O4
X
X
Port 0.07
Serial Memory
Interface: data
output
SSP0: Master out
Slave in data
77
A8
50
A7
P0.06 / SMI_DIN
/ SSP0_MISO
I/O
TT
X
XO4
X
X
Port 0.06
Serial Memory
Interface: data
input
SSP0: Master in
Slave out data
78
A7
51
A6
P0.05 /
SSP0_SCLK /
SMI_CK
I/O
TT
X
XEIT1
O4
X
X
Port 0.05
SSP0: Serial
clock
Serial Memory
Interface: Serial
clock output
79
B7
52
B6
P0.04 / SMI_CS0
/ SSP0_NSS
I/O
TT
X
XO4
X
X
Port 0.04
Serial Memory
Interface: chip
select output 0
SSP0: Slave
select input
80
C5
53
B7
P1.10
PWM_EMERGE
NCY
I/O
TT
X
XEIT10
O2
X
X
Port 1.10
PWM: Emergency input
81
B6
54
B5
P1.09 / PWM1
I/O
TT
X
XEIT9
O4
X
X
Port 1.09
PWM: PWM1 output
82
C6
P2.09 / PWM1N
I/O
TT
X
XO2
X
X
Port 2.09
PWM: PWM1 complementary
output(4)
83
G7
P2.08 / PWM2
I/O
TT
X
XO2
X
X
Port 2.08
PWM: PWM2 output(4)
84
G6
P2.07 / PWM2N
I/O
TT
X
XO2
X
X
Port 2.07
PWM: PWM2 complementary
output(4)
85
F7
P2.06 / PWM3
I/O
TT
X
XO2
X
X
Port 2.06
PWM: PWM3 output(4)
86
F6
P2.05 / PWM3N
I/O
TT
X
XO2
X
X
Port 2.05
PWM: PWM3 complementary
output(4)
87
A6
55
A5
P1.08 / PWM1N /
ADC_IN11
I/O
TT
X
XO4
X
X
Port 1.08
PWM: PWM1
complementary
output(8)
ADC: analog
input 11
88
B5
56
B4
P1.07 / PWM2
I/O
TT
X
XEIT8
O4
X
X
Port 1.07
PWM: PWM2 output(4)
89
A5
57
A4
P1.06 / PWM2N /
ADC_IN10
I/O
TT
X
XO4
X
X
Port 1.06
PWM: PWM2
complementary
output(4)
ADC: analog
input 10
90
B4
58
B3
P1.05 / PWM3
I/O
TT
X
XEIT7
O4
X
X
Port 1.05
PWM: PWM3 output(4)
Table 6.
STR750F pin description (continued)
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(3)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com