Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FV1 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STR750FV1
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV1 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STR750FV1 Datasheet HTML 54Page - STMicroelectronics STR750FV1 Datasheet HTML 55Page - STMicroelectronics STR750FV1 Datasheet HTML 56Page - STMicroelectronics STR750FV1 Datasheet HTML 57Page - STMicroelectronics STR750FV1 Datasheet HTML 58Page - STMicroelectronics STR750FV1 Datasheet HTML 59Page - STMicroelectronics STR750FV1 Datasheet HTML 60Page - STMicroelectronics STR750FV1 Datasheet HTML 61Page - STMicroelectronics STR750FV1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
Electrical parameters
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
58/81
NRSTIN and NRSTOUT pins
NRSTIN Pin Input Driver is TTL/LVTTL as for all GP I/Os. A permanent pull-up is present
which is the same as RPU (see : General characteristics on page 54)
NRSTOUT Pin Output Driver is equivalent to the O2 type driver except that it works only as
an open-drain (the P-MOS is de-activated). A permanent pull-up is present which is the
same as RPU (see : General characteristics on page 54)
Subject to general operating conditions for VDD_IO and TA unless otherwise specified.
Table 35.
NRSTIN and NRSTOUT pins
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL(NRSTIN)
NRSTIN Input low level
voltage(1)
1.
Data based on product characterisation, not tested in production.
0.8
V
VIH(NRSTIN)
NRSTIN Input high level
voltage(1)
2
Vhys(NRSTIN)
NRSTIN Schmitt trigger
voltage hysteresis(2)
2.
Hysteresis voltage between Schmitt trigger switching levels.
400
mV
VOL(NRSTIN)
NRSTOUT Output low level
voltage(3)
3.
The IIO current sunk must always respect the absolute maximum rating specified in Section 5.2.2 and the
sum of IIO (I/O ports and control pins) must not exceed IVSS.
IIO=+2 mA
0.4
V
RPU(NRSTIN)
NRSTIN Weak pull-up
equivalent resistor(4)
4.
The RPU pull-up equivalent resistor are based on a resistive transistor
VIN=VSS
VDD_IO=3.3 V 25
50
100
k
Ω
VDD_IO=5 V
20
31
100
k
Ω
tw(RSTL)out
Generated reset pulse
duration (visible at NRSTOUT
pin)(5)
5.
To guarantee the reset of the device, a minimum pulse of 15 µs has to be applied to the internal reset. At
VDD_IO power-up, the built-in reset stretcher may not generate the 15 µs pulse duration while once VDD_IO
is established, an external reset pulse will be internally stretched up to 15 µs thanks to the reset pulse
stretcher.
Internal reset source
15
20
µs
th(RSTL)in
External reset pulse hold time
at NRSTIN pin(6)
6.
The reset network (the resistor and two capacitors) protects the device against parasitic resets, especially
in noisy environments.
At VDD_IO power-up
(5)
20
µs
When VDD_IO is
established(5)
1
µs
tg(RSTL)in
maximum negative spike
duration filtered at NRSTIN
pin(7)
7.
In fact the filter is made to ignore all incoming pulses with short duration:
- all negative spikes with a duration less than 150 ns are filtered
- all trains of negative spikes with a ratio of 1/2 are filtered. This means that all spikes with a maximum
duration of 150 ns with minimum interval between spikes of 75 ns are filtered.
Data guaranteed by design, not tested in production.
The time between two
spikes must be higher
than 1/2 of the spike
duration.
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com