Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FV1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STR750FV1
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STR750FV1 Datasheet HTML 31Page - STMicroelectronics STR750FV1 Datasheet HTML 32Page - STMicroelectronics STR750FV1 Datasheet HTML 33Page - STMicroelectronics STR750FV1 Datasheet HTML 34Page - STMicroelectronics STR750FV1 Datasheet HTML 35Page - STMicroelectronics STR750FV1 Datasheet HTML 36Page - STMicroelectronics STR750FV1 Datasheet HTML 37Page - STMicroelectronics STR750FV1 Datasheet HTML 38Page - STMicroelectronics STR750FV1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Electrical parameters
35/81
5.3.3
Embedded voltage regulators
Subject to general operating conditions for VDD_IO, and TA
Table 12.
Embedded voltage regulators
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VMVREG
MVREG power supply(1)
1.
VMVREG is observed on the V18, V18REG and V18BKP pins except in the following case:
- In STOP mode with MVREG OFF (LP_PARAM13 bit). See note 2.
- In STANDBY mode. See note 2.
load <150 mA
1.65
1.80
1.95
V
VLPVREG
LPVREG power supply(2)
2.
In STANDBY mode, VLPVREG is observed on the V18BKP pin
In STOP mode, VLPVREG is observed on the V18, V18REG and V18BKP pins.
load <10 mA
1.30
1.40
1.50
V
tVREG_PWRUP
(1)
Voltage Regulators start-up
time (to reach 90% of final V18
value) at VDD_IO power-up
(3)
3.
Once VDD_IO has reached 3.0 V, the RSM (Regulator Startup Monitor) generates an internal RESET
during this start-up time.
VDD_IO rise
slope = 20 µs/V
80
µs
VDD_IO rise
slope = 20 ms/V
35
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com