Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FV1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STR750FV1
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV1 Datasheet(HTML) 5 Page - STMicroelectronics

  STR750FV1 Datasheet HTML 1Page - STMicroelectronics STR750FV1 Datasheet HTML 2Page - STMicroelectronics STR750FV1 Datasheet HTML 3Page - STMicroelectronics STR750FV1 Datasheet HTML 4Page - STMicroelectronics STR750FV1 Datasheet HTML 5Page - STMicroelectronics STR750FV1 Datasheet HTML 6Page - STMicroelectronics STR750FV1 Datasheet HTML 7Page - STMicroelectronics STR750FV1 Datasheet HTML 8Page - STMicroelectronics STR750FV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Introduction
5/81
3
Introduction
This Datasheet contains the description of the STR750F family features, pinout, Electrical
Characteristics, Mechanical Data and Ordering information.
For complete information on the Microcontroller memory, registers and peripherals. Please
refer to the STR750F Reference Manual.
For information on the ARM7TDMI-S core please refer to the ARM7TDMI-S Technical
Reference Manual available from Arm Ltd.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STR7 Flash Programming Reference Manual
For information on third-party development tools, please refer to the http://www.st.com/mcu
website.
3.1
Functional description
The STR750F family includes devices in 2 package sizes: 64-pin and 100-pin. Both types
have the following common features:
ARM7TDMI-STM core with embedded Flash & RAM
STR750F family has an embedded ARM core and is therefore compatible with all ARM tools
and software. It combines the high performance ARM7TDMI-STM CPU with an extensive
range of peripheral functions and enhanced I/O capabilities. All devices have on-chip high-
speed single voltage FLASH memory and high-speed RAM.
Figure 1 shows the general block diagram of the device family.
Embedded Flash Memory
Up to 256 KBytes of embedded Flash is available in Bank 0 for storing programs and data.
An additional Bank 1 provides 16 Kbytes of RWW (Read While Write) memory allowing it to
be erased/programmed on-the-fly. This partitioning feature is ideal for storing application
parameters.
●
When configured in burst mode, access to Flash memory is performed at CPU clock
speed with 0 wait states for sequential accesses and 1 wait state for random access
(maximum 60 MHz).
●
When not configured in burst mode, access to Flash memory is performed at CPU
clock speed with 0 wait states (maximum 32 MHz)
Embedded SRAM
16 Kbytes of embedded SRAM accessed (read/write) at CPU clock speed with 0 wait states.
Enhanced Interrupt Controller (EIC)
In addition to the standard ARM interrupt controller, the STR750F embeds a nested interrupt
controller able to handle up to 32 vectors and 16 priority levels. This additional hardware
block provides flexible interrupt management features with minimal interrupt latency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com