Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9188 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9188
Description  12 횞 8-Bit D to A Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9188 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9188 Datasheet HTML 1Page - Micro Analog systems MAS9188 Datasheet HTML 2Page - Micro Analog systems MAS9188 Datasheet HTML 3Page - Micro Analog systems MAS9188 Datasheet HTML 4Page - Micro Analog systems MAS9188 Datasheet HTML 5Page - Micro Analog systems MAS9188 Datasheet HTML 6Page - Micro Analog systems MAS9188 Datasheet HTML 7Page - Micro Analog systems MAS9188 Datasheet HTML 8Page - Micro Analog systems MAS9188 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DA9188.002
23 February 2005
3 (10)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Power Supply (VDD to GND)
VDD
-0.3
6.0
V
Input Voltage Range (any other pin)
-0.3
VDD + 0.3
V
Operating Temperature Range
-40
+85
°C
Storage Temperature Range
-65
+150
°C
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage Range
VDD
1.2
3.6
5.5
V
Operating Temperature Range
Temp
-40
+85
°C
ELECTRICAL CHARACTERISTICS
DC Parameters
◆ Digital Inputs
VDD = 2.4…5.5 V, VREFH = VDD, VREFL = 0 V, -40
°C ≤ TA ≤ +85°C unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DAC Resolution
N
8
Bits
DAC Differential Nonlinearity Error
DNL
-1
+1
LSB
DAC Integral Nonlinearity Error
INL
-1
+1
LSB
DAC Full-scale Error
GFSE
-1
+1
LSB
DAC Zero Code Error
BZSE
-1
+1
LSB
DAC Output Resistance
ROUT
3
5
8
kΩ
◆ Reference Input
VDD = 2.4…5.5 V, VREFH = VDD, VREFL = 0 V, -40
°C ≤ TA ≤ +85°C unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFH Voltage Range
VREFH
VREFH > VREFL
0
VDD
REFL Voltage Range (MAS9188A2 only)
VREFL
VREFH > VREFL
0
VDD
REFH Input Resistance
RREFH
0.5
1.1
kΩ
REFL Input Resistance
RREFL
1.1
kΩ
ROUT Matching (∆ROUT/ROUT)
RMATCH
0.4
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com