Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9188 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9188
Description  12 횞 8-Bit D to A Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9188 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9188 Datasheet HTML 1Page - Micro Analog systems MAS9188 Datasheet HTML 2Page - Micro Analog systems MAS9188 Datasheet HTML 3Page - Micro Analog systems MAS9188 Datasheet HTML 4Page - Micro Analog systems MAS9188 Datasheet HTML 5Page - Micro Analog systems MAS9188 Datasheet HTML 6Page - Micro Analog systems MAS9188 Datasheet HTML 7Page - Micro Analog systems MAS9188 Datasheet HTML 8Page - Micro Analog systems MAS9188 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DA9188.002
23 February 2005
4 (10)
◆ Digital Input
VDD = 2.4…5.5 V, VREFH = VDD, VREFL = 0 V, -40
°C ≤ TA ≤ +85°C unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Digital Logic High
VIH
0.7 × VDD
Digital Logic Low
VIL
0.3 × VDD
Digital Input Current
IIL
± 1
µA
◆ Power Supplies
VDD = 2.4…5.5 V, VREFH = VDD, VREFL = 0 V, -40
°C ≤ TA ≤ +85°C unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Power Supply Range
VDD
1.2
5.5
V
Supply Current
IDD
0.01
5
µA
Shutdown Current
ISHDN
0.01
5
µA
AC Parameters
◆ AC Characteristics
Dynamic Performance
VDD = 2.4…5.5 V, VREFH = VDD, VREFL = 0 V, -40
°C ≤ TA ≤ +85°C unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Power Supply Sensitivity
∆VOUT
∆VDD
∆VDD = 1.1 × VDD –
0.9 × VDD
0.12
%
Power Supply Sensitivity (100 Hz)
PSRR
65
dB
Vout Settling time (
±1/2 LSB error band)
TS
5
µs
Crosstalk between adjacent outputs
CT
50
dB
Switching Characteristics
VDD = 3.6 V, VREFH = VDD, VREFL = 0 V, TA = +25°C unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Clock High Pulse Width
TCH
17
ns
Input Clock Low Pulse Width
TCL
8
ns
Data Setup Time
TDS
-7
ns
Data Hold Time
TDH
24
ns
XCS Fall to First Clock Pulse Fall
TCLCL
18
ns
XCS High Pulse Width
TCSW
10
ns
CLK Rise to XCS Rise Hold Time
TCSH
22
ns
XCS Rise to CLOCK Rise Setup
TCS1
7
ns
RESET Pulse Width
TRS
18
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com