Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9188 Datasheet (PDF) - Micro Analog systems

MAS9188 Datasheet PDF - Micro Analog systems
Part # MAS9188
Download  MAS9188 Download
File Size   195.62 Kbytes
Page   10 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description 12 횞 8-Bit D to A Converter

MAS9188 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9188 Datasheet PDF - Micro Analog systems

Part # MAS9188
Download  MAS9188 Click to download

File Size   195.62 Kbytes
Page   10 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description 12 횞 8-Bit D to A Converter

MAS9188 Datasheet (HTML) - Micro Analog systems


MAS9188 Product details

DESCRIPTION
MAS9188 is 12-channel 8-bit DAC, designed primarily for trimmer replacement. The device is controlled by a simple 3-line input. The DAC is selected with the four first bits in the serial input data (SDI-pin) and the DAC output value is set according to the last 8 bits in the serial input data.

FEATURES
• Twelve 8-Bit DACs on a Single Monolithic Chip
• Voltage Level Output
• TSSOP-20 Package
• Single, Low +1.2 V Supply
• Power-On Reset
• Functionally and Pin Compatible with AD8802/AD8804

APPLICATIONS
• High Resolution Monitors
• Automatic Gain Control
• Trimmer Replacement
• Portable and Battery-Operated Equipment




Similar Part No. - MAS9188

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9180 MAS-MAS9180 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1TC00 MAS-MAS9180A1TC00 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UA06 MAS-MAS9180A1UA06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UC06 MAS-MAS9180A1UC06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A5TC00 MAS-MAS9180A5TC00 Datasheet
278Kb / 15P
AM Receiver IC
More results


Similar Description - MAS9188

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD570 AD-AD570 Datasheet
312Kb / 8P
Complete 8-Bit A-to-D Converter
logo
Integrated Circuit Syst...
ADC87 ICST-ADC87 Datasheet
1Mb / 6P
12-bit, 8 Usec Military A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
12-Bit A/D Converter
logo
Micro Analog systems
MAS9184A MAS-MAS9184A Datasheet
132Kb / 9P
12 X 8-bit D to A Converter
MAS9187 MAS-MAS9187 Datasheet
141Kb / 7P
12 X 8-bit D to A Converter
logo
Texas Instruments
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
AD570 AD-AD570_17 Datasheet
850Kb / 9P
Complete 8-Bit A-to-D Converter
4/12-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com