Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490E Datasheet(PDF) 1 Page - Rakon Limited

Part # ROM1490E
Description  Mercury ™ IC OCXO | Networking & Stratum 3E
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490E Datasheet(HTML) 1 Page - Rakon Limited

  ROM1490E Datasheet HTML 1Page - Rakon Limited ROM1490E Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mercury+ ™ IC OCXO | Networking & Stratum 3E
Issue: B, 10 June 2021
Specifications are subject to change without notice
Copyright © 2019 to 2021 Rakon Limited. All rights reserved
Page 1 of 2
Contact Us
ROM1490E
The ROM1490E uses Rakon’s market-leading proprietary Mercury+™ technology, delivering the world’s smallest footprint Stratum 3E OCXO
in a hermetic package. This product family delivers ±5 ppb frequency stability over -40 to 85°C and ageing of less than 1 ppb/day; fully
compliant with Stratum 3E specifications. The ROM1490E is an ideal solution for Telecom Boundary Clocks (T-BC) Class C and Class D, which
require low dynamic noise contribution from oscillators over the operating temperature range. Holdover of a few hours is available for select
temperature profiles.
Mercury+™ ASIC-OCXOs enable lower Total Cost of Ownership of customer equipment through significantly enhanced reliability. With a small
form factor and few discrete components, the ROM1490E consumes only 0.4W at room temperature and has faster warm up times than
traditional OCXOs.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
10 – 50
MHz
Standard frequencies: 10, 12.8, 19.2, 20, 24.576,
25, 30.72, 38.4, 38.88, 49.152, 50 MHz
Frequency calibration
±0.2
ppm
Initial accuracy at 25°C ±2°C
Reflow shift
±0.2
ppm
Pre to post reflow ∆F (measured ≥ 60 minutes
after reflow)
Operating temperature range
-40
+85
°C
Frequency stability temperature
±5
ppb
In still air. Reference to (FMAX + FMIN)/2
Frequency slope ΔF/ΔT in still air
±0.1
±0.5
ppb/°C
Temperature ramp ≤ 1°C/minute
All causes stability
±4.6
ppm
Including calibration, temperature, supply voltage
& load changes and 20 years life, reference to Fn
Supply voltage stability
±5
ppb
±2% variation, frequency ≤ 26 MHz
Load sensitivity
±5
ppb
±10% variation, reference to frequency ≤ 26 MHz
at 15 pF
Warm-up time
15
60
sec
Time needed for frequency to be within ±20 ppb
reference to frequency after 1 hour, at 25°C.
Parameter is frequency, assembly and operating
history dependent
Long term stability (Ageing)
1
0.3
2.5
ppb
ppm
Per day, after 60 days of continuous operation
First year
20 years
Root Allan Variance (ADEV)
30*10 -12
20*10 -12
15*10 -12
15*10 -12
70*10 -12
tau = 0.1s
tau = 1.0s
tau = 10s
tau = 100s
tau = 1000s
Supply voltage (Vcc)
2.7 – 5
V
±5%
Input power
1200
400
1500
440
mW
Warm up
Steady state in still air at 25°C
Wander generation
› TDEV compliant with GR-1244 fig 5-4 & G.812
types II & III fig 2
› MTIE compliant with GR-1244 fig 5-5 & G.812
types II & III fig 1
Oscillator stabilised 24 hours at constant
temperature (±1°C, still air). Data subjected to
relevant loop filter values (-3dB cut-off, 2nd order
high pass)
Features
Applications
14.2 x 9.2 x 6.5
mm
Stratum 3E grade stability and ageing
Miniature SC-cut crystal
Low ADEV and RMS phase jitter
Fast warm up time
Ultra-reliable OTP memory programming
Lower customer Total Cost of Ownership
through VLSI ASIC-integration
Stratum 3E
PTP Enabled Ethernet Switches and
Routers
Cable Modem CMTS and Remote PHYs
G.8262, G.8262.1, G.8263, G.8273.2,
G.8273.3, G.8273.4


Similar Part No. - ROM1490E

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
ROM1490EA RAKON-ROM1490EA Datasheet
442Kb / 2P
Mercury ™ IC OCXO | Networking & Stratum 3E
26 August 2024
More results

Similar Description - ROM1490E

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
OCXO with Stratum 3E stabilitiy
2005-07-15
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
1180026-XXX CTS-1180026-XXX Datasheet
145Kb / 4P
20.000 MHz OCXO Stratum 3E
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com