Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMK-A401-R40M2 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMK-A401-R40M2
Description  SMT LED Surface Mount LED Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMK-A401-R40M2 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMK-A401-R40M2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 11. Tape Leader and Trailer Dimensions.
200 mm MIN. FOR
∅180 REEL.
200 mm MIN. FOR
∅330 REEL.
TRAILER
COMPONENT
LEADER
480 mm MIN. FOR
∅180 REEL.
960 mm MIN. FOR
∅330 REEL.
C
A
USER FEED DIRECTION
Figure 13. Reeling Orientation.
Figure 12. Tape Dimensions.
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
C
A
4 ± 0.1
2 ± 0.05
8 ± 0.1
5.5 ± 0.05
12
+0.3
–0.1
1.75 ± 0.1
3.8 ± 0.1
3.6 ± 0.1
0.229 ± 0.01
∅1.5
+0.1
–0
∅1+0.1
–0
C
C
3.45 ± 0.1
A
A
VIEW A-A
VIEW B-B
B
B
ALL DIMENSIONS IN mm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com