Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMK-A401-R40M2 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMK-A401-R40M2
Description  SMT LED Surface Mount LED Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMK-A401-R40M2 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMK-A401-R40M2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Figure 2. Forward Current Vs. Forward Voltage.
Figure 3. Relative Intensity Vs. Forward
Current (AlInGaP).
Figure 4. Relative Intensity Vs. Forward
Current (InGaN).
Figure 5a. Maximum Forward Current Vs.
Ambient Temperature, Derated Based On
TJmax = 110°C (AlInGaP).
Figure 6. Dominant Wavelength Vs. Forward
Current – InGaN Devices.
Figure 7. Radiation Pattern.
040
FORWARD CURRENT – mA
0
0.4
80
0.8
0.2
1.0
20
0.6
1.2
60
10
30
70
1.4
50
020
CURRENT – mA
460
480
540
35
500
470
510
10
490
520
25
InGaN GREEN
515
30
530
InGaN CYAN
InGaN BLUE
1.0
0
ANGLE – DEGREES
0.8
0.6
0.2
0.4
-70
-50
-30
30
50
70
90
-90
-10
10
0.1
0.3
0.5
0.7
0.9
0
80
0
20
60
80
120
AMBIENT TEMPERATURE –
°C
40
40
60
30
300
°C/W
20
70
100
10
350
°C/W
470
°C/W
50
0
0
20
60
80
120
AMBIENT TEMPERATURE –
°C
40
20
30
15
300
°C/W
10
35
100
5
350
°C/W
470
°C/W
25
Figure 5b. Maximum Forward Current Vs.
Ambient Temperature, Derated Based On
TJmax = 110°C (InGaN).
03
FORWARD VOLTAGE – V
0
20
70
80
10
50
40
60
12
4
5
HSMM/K/N
HSMZ/V/U
HSMC/J/L/A/E
30
020
FORWARD CURRENT – mA
0
0.4
35
0.8
0.2
1.0
10
0.6
1.2
30
515
25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com