Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMK-A401-R40M2 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMK-A401-R40M2
Description  SMT LED Surface Mount LED Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMK-A401-R40M2 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HSMK-A401-R40M2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMK-A401-R40M2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Figure 9a. Recommended SnPb Reflow Soldering Profile.
Figure 10. Recommended Wave Soldering Profile.
Figure 8a. Recommended Soldering Pad Pattern.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
–6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
Figure 8b. Recommended Soldering Pad Pattern (TTW).
Thermal Resistance
Solder Pad Area (xy)
300
°C/W
>16 mm2
350
°C/W
>12 mm2
470
°C/W
>8 mm2
Figure 9b. Recommended Pb-free Reflow Soldering Profile.
Note: For detailed information on reflow soldering of Avago surface
mount LEDs, refer to Avago Application Note AN 1060 Surface
Mounting SMT LED Indicator Components.
217 °C
MAX. 120 SEC.
6 °C/SEC. MAX.
3 °C/SEC. MAX.
125 °C ± 25 °C
255 °C
60 to 150 SEC.
10 to 20 SEC.
TIME
* THE TIME FROM 25 °C TO PEAK TEMPERATURE = 6 MINUTES MAX.
+5 °C
-0 °C
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
010
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED
BEFORE EXERTING MECHANICAL FORCE.
2.60
(0.103)
SOLDER RESIST
REPRESENTS ELECTRICAL
CONNECTIVITY BETWEEN PADS
4.50 (0.178)
Y
X
0.40 (0.016)
X
0.50
(0.020)
Y
1.10
(0.043)
1.50 (0.059)
DIMENSIONS IN mm (INCHES).
X
X
0.5 (0.020)
Y
Y
1.0 (0.039)
2.0 (0.079)
2.0 (0.079)
6.0 (0.236)
3.0 (0.118)
2.8 (0.110)
6.1 (0.240)
DIMENSIONS IN mm (INCHES).
REPRESENTS ELECTRICAL
CONNECTIVITY BETWEEN PADS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com