Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-R100
Description  Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-R100 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-R100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Electrical/Optical Characteristics at TA = 25°C
HLMP-R100
HLMP-0301
HLMP-0401
HLMP-0504
Test
Sym.
Description
Min. Typ. Max.
Min. Typ.
Max.
Min. Typ.
Max.
Min. Typ.
Max.
Units Conditions
2q1/2
Included Angle
Between Half
100
100
100
100
Deg.
Note 1.
Luminous
Fig. 6
Intensity Points
lP
Peak
645
635
583
565
nm
Measure-
Wavelength
ment at Peak
ld
Dominant
637
626
585
569
nm
Note 2.
Wavelength
Dl1/2
Spectral Line
20
40
36
28
nm
Halfwidth
ts
Speed of
30
90
90
500
ns
Response
C
Capacitance
30
16
18
18
pF
VF = 0;
f = 1 MHz
RqJ-PIN
Thermal
260
260
260
260
°C/W Junction to
Resistance
Cathode Lead
VF
Forward Voltage
1.8
2.2
1.9
2.6
2.1
2.6
2.2
3.0
V
IF = 20 mA
Figure 2.
VR
Reverse
5.0
5.0
5.0
5.0
V
IR = 100 µA
Breakdown
Voltage
hv
Luminous
80
145
500
595
lm/W Note 3.
Efficacy
Notes:
1. q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
GREEN
TA = 25° C
AlGaAs RED



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com