Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-R100
Description  Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-R100 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-R100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Agilent 2.5 mm x 7.6 mm Rectangular
LED Lamps
Data Sheet
Description
The HLMP-R100, -0301, -0401,
-0504 are solid state lamps
encapsulated in a radial lead
rectangular epoxy package. They
utilize a tinted, diffused epoxy to
provide high on-off contrast and a
flat high intensity emitting
surface. Borderless package
design allows creation of
uninterrupted light emitting
areas.
The HLMP-R100 uses a double
heterojunction (DH) absorbing
substrate (AS) aluminum gallium
arsenide (AlGaAs) red LED chip
in a light red epoxy package. This
combination produces
outstanding light output over a
wide range of drive currents.
The HLMP-0301 has a high
efficiency red GaAsP on GaP LED
chip in a light red epoxy package.
Package Dimensions
HLMP-R100, HLMP-0301, HLMP-0401, HLMP-0504
Features
• Rectangular light emitting surface
• Flat high sterance emitting surface
• Stackable on 2.54 mm (0.100 inch)
centers
• Ideal as flush mounted panel
indicators
• Ideal for backlighting legends
• Long life: solid state reliability
• Choice of 4 bright colors
– DH AS AlGaAs Red
– High Efficiency Red
– Yellow
– High Performance Green
• IC compatible/low current
requirements
The HLMP-0401 provides a yellow
GaAsP on GaP LED chip in a
yellow epoxy package.
The HLMP-0504 provides a green
GaP LED chip in a green epoxy
package.
2.54 (0.100)
2.29 (0.090)
2.54 (0.100)
2.16 (0.085)
8.00 (0.315)
7.37 (0.290)
29.21 (1.15) MIN.
CATHODE LEAD
BOTTOM VIEW
SIDE VIEW
1.27 (0.50)
NOMINAL
NOTES:
1. ALL DIMENSIONS ARE IN
MILLIMETERS (INCHES).
2. AN EPOXY MENISCUS MAY EXTEND
ABOUT 1 mm (0.040") DOWN THE LEADS.
3. THERE IS A MXIMUM 1
° TAPER FROM
BASE TO THE TOP OF LAMP.
2.54 (0.100)
NOMINAL
0.46 (0.018)
SQ. NOMINAL
7.62 (0.300)
7.11 (0.280)
7.62 (0.300)
6.99 (0.275)


Similar Part No. - HLMP-R100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-R100 AVAGO-HLMP-R100 Datasheet
281Kb / 8P
Rectangular light emitting surface
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
HLMP-R100-FG0XX BOARDCOM-HLMP-R100-FG0XX Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-R100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
2 mm x 5 mm Rectangular LED Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L173 ETC-L173 Datasheet
163Kb / 5P
2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
2 mm x 5 mm Rectangular LED Lamps
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
2 mm x 5 mm Rectangular AlInGaP Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com