Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-R100
Description  Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-R100 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-R100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-R100 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Figure 6. Relative luminous intensity vs. angular displacement.
Figure 2. Forward current vs. forward voltage.
VF (300 mA) for AlGaAs Red = 2.6 volts typical.
Figure 3. Relative luminous intensity vs.
forward current.
Figure 4. Relative efficiency (luminous
intensity per unit current) vs. peak current. hv
(300 mA) for AlGaAs Red = 0.7.
Figure 5. Maximum tolerable peak current vs. peak duration (IPEAK MAX determined from temperature derated IDC MAX).
1.0
VF – FORWARD VOLTAGE – V
0
20
40
60
2.0
3.0
90
70
GREEN
YELLOW
HER
AlGaAs
RED
10
30
50
80
4.0
5.0
0
IDC – DC CURRENT PER LED – mA
0
30
515
2.5
2.0
AlGaAs RED
0.5
1.0
1.5
10
20
25
HER, YELLOW, GREEN
0
IPEAK – PEAK CURRENT PER LED – mA
0.4
0.6
0.8
1.0
90
20
70
50
40
1.3
1.1
YELLOW
GREEN
AlGaAs RED
0.5
0.7
0.9
1.2
30
60
80
10
HER
1
tP – PULSE DURATION – µs
HER, ORANGE, YELLOW, and GREEN
1.0
2.0
3.0
10,000
1000
4.0
1.5
100
10
tp – PULSE DURATION – µs
AlGaAs RED
3
1
10
10
10000
1000
100
1
2
9
8
7
6
5
4
10
°
100
°
40
°
70
°
20
°
60
°
80
°
30
°
50
°
90
°
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
1.0
0.6
0.8
0.2
0.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com